Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTT-20.00MX Datasheet(PDF) 1 Page - ECS, Inc.

Part # ZTT-20.00MX
Description  Ceramic Resonator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ZTT-20.00MX Datasheet(HTML) 1 Page - ECS, Inc.

  ZTT-20.00MX Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTT Series
Ceramic Resonator
The ZTT Series ceramic resonator offers a wide frequency
range and extended temperature range capabilities with
built-in load capacitance.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PART NUMBER *
FREQUENCY
RANGE
(MHz)
FREQUENCY
ACCURACY
@ 25°C(%)
STABILITY IN
TEMPERATURE
-20~ +80°C (%)
AGING FOR
TEN YEARS
(%)
RESONANT
RESISTANCE
(Ω) MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
2.00 ~ 2.99
3.00 ~ 3.49
3.50 ~ 8.00
6.01 ~ 6.99
7.00 ~ 13.00
13.01 ~ 50.00
ZTT
□.□□MG
ZTT
□.□□MG
ZTT
□.□□MG
ZTT
□.□□MT
ZTT
□□.□□MT
ZTT
□□.□□MX
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
±0.3
80
50
30
30
25
30
PACKAGE DIMENSIONS (mm)
Note: ECS does not approve the use of it's products in Automotive,
Military, Avionics, Life Sustaining or Life Support systems or any other
related medical applications without written approval from ECS INC.
Rev 5/08
PART NUMBERING GUIDE: Example ZTT-4.00MG
Low Profile
Wide Frequency range
Extended temperature range
Built-in load capacitance
RoHS Compliant (Note 7 Exemption)
ZTT
-
Frequency
Suffix
4.00 MHz
MG (2~8 MHz)
MT (6.01~13 MHz)
MX (13.01~50 MHz)


Similar Part No. - ZTT-20.00MX

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ZTT-4.00MG ECS-ZTT-4.00MG Datasheet
218Kb / 1P
   Ceramic Resonator
logo
ILSI America LLC
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
Shoulder Electronics Li...
ZTT-MG SHOULDER-ZTT-MG Datasheet
246Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 1.84-6.00MHZ.
logo
ILSI America LLC
ZTT-MG-20.000 ILSI-ZTT-MG-20.000 Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MT ILSI-ZTT-MT Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
More results

Similar Description - ZTT-20.00MX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com