Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7825335C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # 7825335C
Description  MAX253 Compatible Converter Transformers 3.3V and 5V versions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7825335C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  7825335C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 7825335C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 7825335C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 7825335C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. 7825335C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KMP_78253C_D04 Page 5 of 5
78253 Series
MAX253 Compatible Converter Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/support
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
1.20
(30.4) Max.
0.94-1.08 (23.9-27.4)
0.53 (13.50)
0.50 (12.80)
0.059 (1.50)
Min.
2.36 (60) Min.
0.80 (20.20) Min.
3.9 (100)
Min.
Leader section
15.7 (400) Min.
Goods
enclosure
section
Trailer section
6.3 (160) Min.
Ø15.039 (382) Max.
Ø
Ø
*
0.96 (24.4)
1.04 (26.4)
Reel quantity: 500
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).
* Includes flange distortion at outer edge.
Measured at hub.
0.024 (0.60) Max.
0.283 (7.20)
0.369 (9.37)
Direction of unreeling
0.069 (1.75)
0.157 (4.00)
0.079 (2.00)
0.472 (12.00)
Cover tape
0.059
(1.50
)
+0.004
-0.000
+0.10
-0.00
Unless otherwise stated all
dimensions in inches (mm) ±0.01(0.25).


Similar Part No. - 7825335C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
   MAX253 Compatible Converter Transformers
logo
Murata Power Solutions ...
78253 MURATA-PS-78253 Datasheet
510Kb / 5P
   MAX253 Compatible Converter Transformers
78253 MURATA-PS-78253 Datasheet
589Kb / 7P
   MAX253 Compatible Converter Transformers
2023
logo
Murata Manufacturing Co...
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers
logo
C&D Technologies
78253/35 CANDD-78253/35 Datasheet
168Kb / 2P
   MAX253 Compatible Converter Transformers
More results

Similar Description - 7825335C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
   MAX253 Compatible Converter Transformers
logo
Murata Power Solutions ...
KMP-78253 MURATA-PS-KMP-78253 Datasheet
510Kb / 5P
   MAX253 Compatible Converter Transformers
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
[Old version datasheet]   3.3V, 5V, 12V, and Adjustable Output Versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
   Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
   Available in both 5V and 3.3V versions
logo
Advanced Monolithic Sys...
AMS2576 AMS-AMS2576 Datasheet
404Kb / 9P
   3.3V, 5V, 12Vand adjustable versions
AMS2596 AMS-AMS2596 Datasheet
419Kb / 9P
   3.3V, 5V, 12Vand adjustable versions
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Murata Manufacturing Co...
KMP_782485C MURATA-KMP_782485C Datasheet
106Kb / 2P
   ADM2485 Compatible Converter Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com