Electronic Components Datasheet Search |
|
V510LS40AP Datasheet(PDF) 1 Page - Littelfuse |
|
V510LS40AP Datasheet(HTML) 1 Page - Littelfuse |
1 / 13 page Varistor Products ©2012 Littelfuse, Inc. Revision: February 9, 2012 LA Varistor Series Radial Lead Varistors > LA Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/la.html for current information. Description The LA Series of transient voltage surge suppressors are radial leaded varistors (MOVs) that are designed to be operated continuously across AC power lines. These UL recognized varistors require very little mounting space, and are offered in various standard lead form options. The LA Series varistors are available in four model sizes: 7mm, 10mm, 14mm and 20mm; and have a V M(AC)RMS voltage range from 130V to 1000V, and an energy absorption capability up to 360J. Some LA Series model numbers are available with clamping voltage selections, designated by a model number suffix of either A or B. The 'A' selection is the standard model; the 'B' selection provides a lower clamping voltage. See LA Series Device Ratings and Specifications Table for part number and brand information. Features compliant. capability (W TM) up to 360J voltage range V M(AC)RMS 130V to 1000V 85ºC ambient reel or bulk pack Agency Approvals Absolute Maximum Ratings Agency Agency File Number Continuous LA Series Units Steady State Applied Voltage: AC Voltage Range (V M(AC)RMS) 130 to 1000 V DC Voltage Range (V M(DC)) 175 to 1200 V Transients: Peak Pulse Current (I TM) For 8/20μs Current Wave (See Figure 2) 1200 to 6500 A For 10/1000μs Current Wave (W TM) 11 to 360 J Operating Ambient Temperature Range (T A) OC Storage Temperature Range (T STG) OC Temperature Coefficient (aV) of Clamping Voltage (V C) at Specified Test Current <0.01 %/OC 2500 V 1000 MΩ CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. LA Varistor Series RoHS |
Similar Part No. - V510LS40AP |
|
Similar Description - V510LS40AP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |