Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2A-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S2A-TP
Description  2 Amp Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S2A-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  S2A-TP Datasheet HTML 1Page - Micro Commercial Components S2A-TP Datasheet HTML 2Page - Micro Commercial Components S2A-TP Datasheet HTML 3Page - Micro Commercial Components S2A-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2A
THRU
S2M
2 Amp
Silicon Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 16
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S2A
S2A
50V
35V
50V
S2B
S2B
100V
70V
100V
S2D
S2D
200V
140V
200V
S2G
S2G
400V
280V
400V
S2J
S2J
600V
420V
600V
S2K
S2K
800V
560V
800V
S2M
S2M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
2.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine,
TJ = 150
°C
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
2.0
µs
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-214A
A
(HSMB) (
Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
11/11/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Low Thermal Resistance
Easy Pick And Place
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
For Surface Mount Applications
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
NOT RECOMMENDED FOR NEW DESIGNS
USE S2A-LTP~S2M-LTP SERIES


Similar Part No. - S2A-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A-T1 WTE-S2A-T1 Datasheet
41Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A-T3 WTE-S2A-T3 Datasheet
41Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A-T3 WTE-S2A-T3 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - S2A-TP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2A01 MCC-2A01 Datasheet
419Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_13 Datasheet
194Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com