Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQG15HN5N1S02B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQG15HN5N1S02B
Description  Chip Inductor (Chip Coil) for High Frequency Multilayer Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG15HN5N1S02B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQG15HN5N1S02B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG15HN5N1S02B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Multilayer Type
0.5
±0.05
(in mm)
1.0
±0.05
0.25
±0.1
Polarity Marking
Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN Series (0402 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQG15HN1N0S02p
1.0nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N1S02p
1.1nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N2S02p
1.2nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N3S02p
1.3nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N5S02p
1.5nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N6S02p
1.6nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN1N8S02p
1.8nH
±0.3nH
100MHz
300mA
0.10ohm
8
100MHz
6000MHz
LQG15HN2N0S02p
2.0nH
±0.3nH
100MHz
300mA
0.12ohm
8
100MHz
6000MHz
LQG15HN2N2S02p
2.2nH
±0.3nH
100MHz
300mA
0.15ohm
8
100MHz
6000MHz
LQG15HN2N4S02p
2.4nH
±0.3nH
100MHz
300mA
0.16ohm
8
100MHz
6000MHz
LQG15HN2N7S02p
2.7nH
±0.3nH
100MHz
300mA
0.17ohm
8
100MHz
6000MHz
LQG15HN3N0S02p
3.0nH
±0.3nH
100MHz
300mA
0.18ohm
8
100MHz
6000MHz
LQG15HN3N3S02p
3.3nH
±0.3nH
100MHz
300mA
0.19ohm
8
100MHz
6000MHz
LQG15HN3N6S02p
3.6nH
±0.3nH
100MHz
300mA
0.19ohm
8
100MHz
6000MHz
LQG15HN3N9S02p
3.9nH
±0.3nH
100MHz
300mA
0.19ohm
8
100MHz
6000MHz
LQG15HN4N3S02p
4.3nH
±0.3nH
100MHz
300mA
0.21ohm
8
100MHz
6000MHz
LQG15HN4N7S02p
4.7nH
±0.3nH
100MHz
300mA
0.23ohm
8
100MHz
6000MHz
LQG15HN5N1S02p
5.1nH
±0.3nH
100MHz
300mA
0.24ohm
8
100MHz
6000MHz
LQG15HN5N6S02p
5.6nH
±0.3nH
100MHz
300mA
0.26ohm
8
100MHz
5300MHz
LQG15HN6N2S02p
6.2nH
±0.3nH
100MHz
300mA
0.27ohm
8
100MHz
4300MHz
LQG15HN6N8J02p
6.8nH
±5%
100MHz
300mA
0.29ohm
8
100MHz
4200MHz
LQG15HN7N5J02p
7.5nH
±5%
100MHz
300mA
0.31ohm
8
100MHz
3900MHz
LQG15HN8N2J02p
8.2nH
±5%
100MHz
300mA
0.33ohm
8
100MHz
3600MHz
Operating Temperature Range: -55
°C to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQG15HN5N1S02B

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
LQG15HN1N5S02D SKYWORKS-LQG15HN1N5S02D Datasheet
644Kb / 11P
   High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
logo
Qorvo, Inc
LQG15HN47NJ02D QORVO-LQG15HN47NJ02D Datasheet
1Mb / 18P
   75 20 dB CATV Amplifier 47 ??1218 MHz
LQG15HN47NJ02D QORVO-LQG15HN47NJ02D Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
LQG15HN6N8J02D QORVO-LQG15HN6N8J02D Datasheet
1Mb / 18P
   75 20 dB CATV Amplifier 47 ??1218 MHz
More results

Similar Description - LQG15HN5N1S02B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQG15HSR10J02D MURATA-LQG15HSR10J02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com