Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH32CN330K53K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH32CN330K53K
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH32C_53 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH32CN330K53K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH32CN330K53K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH32CN330K53K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type for Choke)
2.5
±0.2
2.5
±0.2
2.5
±0.2
3.2
±0.3
A : 2.8 max.
A
0.9
±0.3 1.3±0.2 0.9±0.3
A
(in mm)
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32C_53 Series (1210 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
K
330mm Embossed Tape
7500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH32CN1R0M53p
1.0
µH±20%
1MHz
1000mA
0.060ohm
±30%
100MHz
LQH32CN2R2M53p
2.2
µH±20%
1MHz
790mA
0.097ohm
±30%
64MHz
LQH32CN3R3M53p
3.3
µH±20%
1MHz
710mA
0.12ohm
±30%
50MHz
LQH32CN4R7M53p
4.7
µH±20%
1MHz
650mA
0.15ohm
±30%
43MHz
LQH32CN6R8M53p
6.8
µH±20%
1MHz
540mA
0.25ohm
±30%
32MHz
LQH32CN100K53p
10
µH±10%
1MHz
450mA
0.30ohm
±30%
26MHz
LQH32CN150K53p
15
µH±10%
1MHz
300mA
0.58ohm
±30%
26MHz
LQH32CN220K53p
22
µH±10%
1MHz
250mA
0.71ohm
±30%
19MHz
LQH32CN330K53p
33
µH±10%
1MHz
200mA
1.1ohm
±30%
17MHz
LQH32CN470K53p
47
µH±10%
1MHz
170mA
1.3ohm
±30%
15MHz
LQH32CN680K53p
68
µH±10%
1MHz
130mA
2.2ohm
±30%
12MHz
LQH32CN101K53p
100
µH±10%
1MHz
100mA
3.5ohm
±30%
10MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH32CN330K53K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32CN331K23L MURATA-LQH32CN331K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH32CN330K53K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN2R2M03L MURATA-LQH55DN2R2M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com