Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC331AD72W103KX01D Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GC331AD72W103KX01D
Description  Explanation of Symbols in This Catalog AEC-Q200 compliant product
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC331AD72W103KX01D Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GC331AD72W103KX01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GC331AD72W103KX01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
–25°C
–10°C
Temperature
Range
C0G
U2J
X7R
X7S
X7T
X8L
: Murata Temperature Characteristic
X8G
: Murata Temperature Characteristic
EIA
EIA
EIA
EIA
EIA
25°C
25°C
25°C
25°C
25°C
25°C
25°C
25 to 150°C
25 to 125°C
25 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0±30ppm/°C
0±30ppm/°C
–750±120ppm/°C
±15%
±22%
+22%, –33%
+15%, –40%
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0.58
0.58
8.78
-
-
-
-
Min.
–0.24
–0.24
5.04
-
-
-
-
Max.
0.4
0.4
6.04
-
-
-
-
Min.
–0.17
–0.17
3.47
-
-
-
-
Max.
0.25
0.25
3.84
-
-
-
-
Min.
–0.11
–0.11
2.21
-
-
-
-
C0G U2J
EIA:
X7R X7S
X8L
X8G
Murata Temperature Characteristic:
X7T
0.6×
0.3
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
C0G
1.0×
0.5
0.55
50
C0G
10
C0
1.6×0.8
0.9
100
C0G
50
C0G
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
Cap. / TC Code
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
How to read the Capacitance Table
Temperature Characteristics Table
The Table is colored by temperature characteristic codes.
Refer to the following Table for the meaning of each code.
The values can be narrowed down in the order of size,
rated voltage, and temperature characteristics.
Refers to the page of the part number list.
Check the part number list for the applicable product number.
Capacitance Table
C03E.pdf
May.17,2013
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GC331AD72W103KX01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC331AD72W103KX01D MURATA-GC331AD72W103KX01D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GC331AD72W103KX01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
C02E MURATA-C02E Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
   AEC-Q200 Compliant
logo
Rohm
MNR02 ROHM-MNR02_12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MCR004_1211 ROHM-MCR004_1211 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
CRXXXXA-AS BOURNS-CRXXXXA-AS Datasheet
661Kb / 11P
   Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
CR-A BOURNS-CR-A Datasheet
263Kb / 11P
   CR-A Series - AEC-Q200 Compliant Chip Resistors
REV. 08/21
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com