Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1C1R9BD05 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C1R9BD05
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C1R9BD05 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1C1R9BD05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C1R9BD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
Capacitance Table
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
–25°C
–10°C
Temperature
Range
C0G
C0H
CK
CJ
CH
SL
P2H
PK
PJ
PH
R2H
RK
RJ
RH
S2H
SK
SJ
SH
T2H
TK
TJ
TH
U2J
UK
UJ
X7R
X7S
X7T
X7U
R
X6S
X6T
X5R
X5S
B
-: Murata Temperature Characteristic
EIA
EIA
JIS
JIS
JIS
JIS
EIA
JIS
JIS
JIS
EIA
JIS
JIS
JIS
EIA
JIS
JIS
JIS
EIA
JIS
JIS
JIS
EIA
JIS
JIS
EIA
EIA
EIA
EIA
JIS
EIA
EIA
EIA
EIA
JIS
25°C
25°C
20°C
20°C
20°C
20°C
25°C
20°C
20°C
20°C
25°C
20°C
20°C
20°C
25°C
20°C
20°C
20°C
25°C
20°C
20°C
20°C
25°C
20°C
20°C
25°C
25°C
25°C
25°C
20°C
25°C
25°C
25°C
25°C
20°C
25°C
25 to 125°C
25 to 125°C
20 to 125°C
20 to 125°C
20 to 125°C
20 to 85°C
25 to 85°C
20 to 85°C
20 to 85°C
20 to 85°C
25 to 85°C
20 to 85°C
20 to 85°C
20 to 85°C
25 to 85°C
20 to 85°C
20 to 85°C
20 to 85°C
25 to 85°C
20 to 85°C
20 to 85°C
20 to 85°C
25 to 125°C
20 to 85°C
20 to 85°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 105°C
–55 to 105°C
–55 to 85°C
–55 to 85°C
–25 to 85°C
–55 to 125°C
0±30ppm/°C
0±60ppm/°C
0±250ppm/°C
0±120ppm/°C
0±60ppm/°C
+350 to –1000ppm/°C
–150±60ppm/°C
–150±250ppm/°C
–150±120ppm/°C
–150±60ppm/°C
–220±60ppm/°C
–220±250ppm/°C
–220±120ppm/°C
–220±60ppm/°C
–330±60ppm/°C
–330±250ppm/°C
–330±120ppm/°C
–330±60ppm/°C
–470±60ppm/°C
–470±250ppm/°C
–470±120ppm/°C
–470±60ppm/°C
–750±120ppm/°C
–750±250ppm/°C
–750±120ppm/°C
±15%
±22%
+22%, –33%
+22%, –56%
±15%
±22%
+22%, –33%
±15%
±22%
±10%
±10%
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–25 to 85°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–25 to 85°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–25 to 85°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–25 to 85°C
–55 to 125°C
–25 to 85°C
–25 to 85°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 105°C
–55 to 105°C
–55 to 85°C
–55 to 85°C
–25 to 85°C
–55 to 125°C
0.58
0.87
2.56
1.37
0.82
-
2.33
-
-
-
3.02
-
-
-
4.09
-
-
-
5.46
-
-
-
8.78
-
-
-
-
-
-
-
-
-
-
-
-
-
Min.
–0.24
–0.48
–1.88
–0.9
–0.45
-
0.72
-
-
-
1.28
-
-
-
2.16
-
-
-
3.28
-
-
-
5.04
-
-
-
-
-
-
-
-
-
-
-
-
-
Max.
0.4
0.59
1.54
0.82
0.49
-
1.61
2.36
1.65
1.32
2.08
2.74
2.03
1.7
2.81
3.35
2.63
2.3
3.75
4.12
3.4
3.07
6.04
5.65
4.94
-
-
-
-
-
-
-
-
-
-
-
Min.
–0.17
–0.33
–1.13
–0.54
–0.27
-
0.5
–0.45
0.14
0.41
0.88
–0.14
0.45
0.72
1.49
0.36
0.95
1.22
2.26
0.99
1.58
1.85
3.47
2.25
2.84
-
-
-
-
-
-
-
-
-
-
-
Max.
0.25
0.38
1.02
0.55
0.33
-
1.02
1.57
1.1
0.88
1.32
1.83
1.35
1.13
1.79
2.23
1.76
1.54
2.39
2.74
2.27
2.05
3.84
3.77
3.29
-
-
-
-
-
-
-
-
-
-
-
Min.
–0.11
–0.21
–0.75
–0.36
–0.18
-
0.32
–0.3
0.09
0.27
0.56
–0.09
0.3
0.48
0.95
0.24
0.63
0.81
1.44
0.66
1.05
1.23
2.21
1.5
1.89
-
-
-
-
-
-
-
-
-
-
-
o Temperature Characteristics Table
c GRM Series
For the Capacitance Table of General Purpose GRM Series,
please review the inserted Capacitance Table of
"Chip Monolithic Ceramic Capacitor and General Purpose GRM Series".
Capacitance Table
Chip Monolithic Ceramic Capacitors
For General Purpose GRM Series
Chip Monolithic Ceramic Capacitors
For General Purpose GRM Series
For General Purpose GRM Series
le
Capacitance Tabl
C02E.pdf
Oct.1,2012
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GRM0225C1C1R9BD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C1R9BD05 MURATA-GRM0225C1C1R9BD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C1R9BD05 MURATA-GRM0225C1C1R9BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C1R9BD05 MURATA-GRM0225C1C1R9BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C1R9BD05 MURATA-GRM0225C1C1R9BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C1R9BD05 MURATA-GRM0225C1C1R9BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C1R9BD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
C03E MURATA-C03E Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
logo
EHAOAN.
EH-C191KRKT EHAOAN-EH-C191KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KRTGKS EHAOAN-EH-C191KRTGKS Datasheet
1Mb / 8P
   Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-C191DS5 EHAOAN-EH-C191DS5 Datasheet
1Mb / 7P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PBKT EHAOAN-EH-C191PBKT Datasheet
1Mb / 10P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191TBKT-5A EHAOAN-EH-C191TBKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191UBKT EHAOAN-EH-C191UBKT Datasheet
1Mb / 8P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191TBHRPG EHAOAN-EH-C191TBHRPG Datasheet
1Mb / 8P
   Dimension( L/W/H) : 1.6 x 1.5 x 0.6 mm
EH-S270KRKT EHAOAN-EH-S270KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.7 x 0.6 x 1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com