Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCG21BR71E105KA12 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GCG21BR71E105KA12
Description  Explanation of Symbols in This Catalog AEC-Q200 compliant product
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCG21BR71E105KA12 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GCG21BR71E105KA12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCG21BR71E105KA12 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Capacitance Table
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
X7R
0.6×0.3
p21
p21
p21
p21
p21
p21
p21
p21
16
X7R
p21
p21
10
X7R
p21
p21
p21
0.55
100
X7R
1.0×0.5
p21
p21
p21
p21
p21
p21
p21
p21
p21
50
X7R
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
25
X7R
p21
p21
p21
p21
p21
16
X7R
p21
p21
p21
p21
0.9
100
X7R
1.6×0.8
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
50
X7R
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
25
X7R
p21
p21
p21
p21
p21
p21
p21
p21
16
X7R
p21
p21
p21
p21
6.3
X7R
p21
0.7
100
X7R
2.0×1.25
p21
p21
p21
p21
0.95
100
X7R
p21
50
X7R
p21
p21
25
X7R
p21
16
X7R
p21
p22
1.4
100
X7R
p22
p22
p22
50
X7R
p22
p22
p22
p22
p22
p22
p22
35
X7R
p22
p22
25
X7R
p22
p22
p22
p22
p22
p22
16
X7R
p22
p22
10
X7
Δ
p22
p22
p22
6.3
X7R
p22
0.95
100
X7R
3.2×1.6
p22
1.25
100
X7R
p22
p22
Cap. / TC Code
100pF
150pF
220pF
330pF
470pF
680pF
1000pF
1500pF
2200pF
3300pF
4700pF
6800pF
10000pF
15000pF
22000pF
33000pF
47000pF
68000pF
0.10μF
0.15μF
0.22μF
0.33μF
0.47μF
0.68μF
1.0μF
2.2μF
4.7μF
10μF
22μF
47μF
c GCM Series High Dielectric Constant Type
p00
Part Number List
X7R X7S
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
8


Similar Part No. - GCG21BR71E105KA12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCG21BR71E105KA12 MURATA1-GCG21BR71E105KA12 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCG21BR71E105KA12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
C02E MURATA-C02E Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
   AEC-Q200 Compliant
logo
Rohm
MNR02 ROHM-MNR02_12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MCR004_1211 ROHM-MCR004_1211 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
CRXXXXA-AS BOURNS-CRXXXXA-AS Datasheet
661Kb / 11P
   Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
CR-A BOURNS-CR-A Datasheet
263Kb / 11P
   CR-A Series - AEC-Q200 Compliant Chip Resistors
REV. 08/21
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com