Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCG21BL81C334KA01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GCG21BL81C334KA01
Description  Explanation of Symbols in This Catalog AEC-Q200 compliant product
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCG21BL81C334KA01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GCG21BL81C334KA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCG21BL81C334KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Please check the MURATA home page (http://www.murata.com/) if you cannot find a part number in this catalog.
o Part Numbering
(Part Number)
w
qProduct ID
wSeries
Chip Monolithic Ceramic Capacitors for Automotive
GC
KC
3
D
E
G
J
M
3
M
High effective capacitance &
High allowable ripple current
Specially designed product to reduce shorts
Specially designed product to reduce shorts &
resin electrode product
Conductivity adhesive compatible type
Resin external electrode product
For automotive
Metal terminal type/High effective capacitance &
High allowable ripple current
Metal terminal type
Product ID
Code
Series
GC
q
M
e
18
r
8
t
R7
y
1H
u
102
i
K
o
A37
eChip Dimension (LgW)
!0
D
Code
0.6
g0.3mm
1.0
g0.5mm
1.6
g0.8mm
2.0
g1.25mm
3.2
g1.6mm
3.2
g2.5mm
4.5
g3.2mm
5.7
g5.0mm
Dimension (L
gW)
0201
0402
0603
0805
1206
1210
1812
2220
EIA
03
15
18
21
31
32
43
55
B
C
D
E
M
N
Q
R
X
1.25mm
1.6mm
2.0mm
2.5mm
1.15mm
1.35mm
1.5mm
1.8mm
Depends on individual standards.
A
1.0mm
rHeight Dimension (T) (Except KCp)
Code
3
5
6
8
9
0.3mm
0.5mm
0.6mm
0.8mm
0.85mm
Dimension (T)
rHeight Dimension (T) (KCp Only)
Code
L
Q
T
W
2.8mm
3.7mm
4.8mm
6.4mm
Dimension (T)
tTemperature Characteristics
Code
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
–25°C
–10°C
Temperature
Range
Min.
Max.
Min.
Max.
Min.
CHA
CG
CH
CJ
CK
C0G
X8G
U2J
X7S
X7T
X8L
R
*1
X7R
X8R
*2
JIS
JIS
JIS
JIS
EIA
*2
EIA
EIA
EIA
*2
JIS
EIA
EIA
20°C
20°C
20°C
20°C
20°C
25°C
25°C
25°C
25°C
25°C
25°C
20°C
25°C
25°C
0C
1C
2C
3C
4C
5C
5G
7U
C7
D7
L8
R1
R7
R9
20 to 150°C
20 to 125°C
20 to 125°C
20 to 125°C
20 to 125°C
25 to 125°C
25 to 150°C
25 to 125°C *3
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0±60ppm/°C
0±30ppm/°C
0±60ppm/°C
0±120ppm/°C
0±250ppm/°C
0±30ppm/°C
0±30ppm/°C
–750±120ppm/°C
±22%
+22%, –33%
+15%, –40%
±15%
±15%
±15%
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0.82
0.54
0.82
1.37
2.56
0.58
0.58
8.78
-
-
-
-
-
-
–0.45
–0.23
–0.45
–0.9
–1.88
–0.24
–0.24
5.04
-
-
-
-
-
-
0.49
0.33
0.49
0.82
1.54
0.4
0.4
6.04
-
-
-
-
-
-
–0.27
–0.14
–0.27
–0.54
–1.13
–0.17
–0.17
3.47
-
-
-
-
-
-
0.33
0.22
0.33
0.55
1.02
0.25
0.25
3.84
-
-
-
-
-
-
–0.18
–0.09
–0.18
–0.36
–0.75
–0.11
–0.11
2.21
-
-
-
-
-
-
*1 Capacitance change is specified with 50% rated voltage applied.
*2 Murata Temperature Characteristic Code.
*3 Rated Voltage 100Vdc max: 25 to 85°C
Continued on the following page.


Similar Part No. - GCG21BL81C334KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCG21BL81C334KA01 MURATA1-GCG21BL81C334KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCG21BL81C334KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
C02E MURATA-C02E Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
   AEC-Q200 Compliant
logo
Rohm
MNR02 ROHM-MNR02_12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MCR004_1211 ROHM-MCR004_1211 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
CRXXXXA-AS BOURNS-CRXXXXA-AS Datasheet
661Kb / 11P
   Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
CR-A BOURNS-CR-A Datasheet
263Kb / 11P
   CR-A Series - AEC-Q200 Compliant Chip Resistors
REV. 08/21
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com