Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15AG601SN1B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM15AG601SN1B
Description  Chip EMIFIL Inductor Type BLM15A_SN Series (0402 Size)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15AG601SN1B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM15AG601SN1B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15AG601SN1B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15AG601SN1B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.murata.com/
Data Sheet
1
o
This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2005.3.4
Noise Suppression Products/EMI Suppression Filters > Chip EMIFILr Inductor Type > Chip Ferrite Beads
(in mm)
0.5
±0.05
1.0
±0.05
0.25
±0.1
(Resistance element becomes dominant
at high frequencies.)
Chip EMIFILr Inductor Type
BLM15A_SN Series (0402 Size)
I Dimension
I Equivalent Circuit
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance(max.)
Operating
Temperature Range
Number of Circuits
BLM15AG100SN1p
10ohm(Typ.)
-
1000mA
0.05ohm
-55
°C to +125°C
1
BLM15AG700SN1p
70ohm(Typ.)
-
500mA
0.15ohm
-55
°C to +125°C
1
BLM15AG121SN1p
120ohm
±25%
-
500mA
0.25ohm
-55
°C to +125°C
1
BLM15AG221SN1p
220ohm
±25%
-
300mA
0.35ohm
-55
°C to +125°C
1
BLM15AG601SN1p
600ohm
±25%
-
300mA
0.6ohm
-55
°C to +125°C
1
BLM15AG102SN1p
1000ohm
±25%
-
200mA
1.0ohm
-55
°C to +125°C
1
0
5
10
15
20
1
10
100
1000
Frequency (MHz)
Z
R
X
0
20
40
60
80
100
120
1
10
100
1000
Frequency (MHz)
Z
R
X
I Z-f Characteristics(Typ.)
BLM15AG100SN1
I Z-f Characteristics(Typ.)
BLM15AG700SN1
Continued on the following page.


Similar Part No. - BLM15AG601SN1B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SN1B MURATA1-BLM15AG601SN1B Datasheet
247Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM15AG601SN1B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM18T MURATA-BLM18T Datasheet
52Kb / 2P
   Chip EMIFIL Inductor Type
BLM15E MURATA-BLM15E Datasheet
62Kb / 3P
   Chip EMIFIL Inductor Type
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
BLM21BD121SN1D MURATA-BLM21BD121SN1D Datasheet
306Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
BLM03BD750SN1D MURATA-BLM03BD750SN1D Datasheet
145Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM03B Series (0201 Size)
BLM18KG260TN1D MURATA-BLM18KG260TN1D Datasheet
157Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
BLM21AG121SN1D MURATA-BLM21AG121SN1D Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com