Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15BD471SN1D Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # BLM15BD471SN1D
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15BD471SN1D Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  BLM15BD471SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15BD471SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15BD471SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM15BD471SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM15BD471SN1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM15BD471SN1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
6
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2012.7.5
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM15BA470SN1
1
10
100
1000
3000
Frequency (MHz)
0
400
800
1200
1600
2000
Z
X
R
c Impedance-Frequency Characteristics
BLM15BA750SN1
1
10
100
1000
3000
Frequency (MHz)
0
1000
2000
3000
4000
5000
Z
X
R
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat and deteriorate
the insulation resistance.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - BLM15BD471SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD471SN1D MURATA-BLM15BD471SN1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM15BD471SN1D MURATA1-BLM15BD471SN1D Datasheet
246Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM15BD471SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com