Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-400T Datasheet(PDF) 6 Page - STMicroelectronics

Part # T410-400T
Description  Based on ST?셲 Snubberless
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-400T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T410-400T Datasheet HTML 2Page - STMicroelectronics T410-400T Datasheet HTML 3Page - STMicroelectronics T410-400T Datasheet HTML 4Page - STMicroelectronics T410-400T Datasheet HTML 5Page - STMicroelectronics T410-400T Datasheet HTML 6Page - STMicroelectronics T410-400T Datasheet HTML 7Page - STMicroelectronics T410-400T Datasheet HTML 8Page - STMicroelectronics T410-400T Datasheet HTML 9Page - STMicroelectronics T410-400T Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
T4 Series
6/10
Figure 12: Ordering Information Scheme
Table 7: Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
800 V
T405-xxxB
X
X
X
5 mA
Logic level
DPAK
T405-xxxH
X
X
X
5 mA
Logic level
IPAK
T405-xxxT
X
X
X
5 mA
Logic level
TO-220AB
T405-xxxW
X
X
X
5 mA
Logic level
ISOWATT220AB
T410-xxxB
X
X
X
10 mA
Logic level
DPAK
T410-xxxH
X
X
X
10 mA
Logic Level
IPAK
T410-xxxT
X
X
X
10 mA
Logic Level
TO-220AB
T410-xxxW
X
X
X
10 mA
Logic Level
ISOWATT220AB
T435-xxxB
X
X
X
35 mA
Snubberless
DPAK
T435-xxxH
X
X
X
35 mA
Snubberless
IPAK
T435-xxxT
X
X
X
35 mA
Snubberless
TO-220AB
T435-xxxW
X
X
X
35 mA
Snubberless ISOWATT220AB
T 4 05 - 600 B (-TR)
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
4 = 4A
05 = 5mA
10 = 10mA
35 = 35mA
600 = 600V
700 = 700V
800 = 800V
B = DPAK
H = IPAK
T = TO-220AB
W = ISOWATT220AB
Blank = Tube
-TR = Tape & reel


Similar Part No. - T410-400T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
   4A TRIACS
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
   4A TRIACs
logo
Apollo Electron Co., Lt...
T410-600B APOLLOELECTRON-T410-600B Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Inchange Semiconductor ...
T410-600B ISC-T410-600B Datasheet
157Kb / 1P
   isc Thyristors
More results

Similar Description - T410-400T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
   65W USB-PD certified reference design based on ST-ONE
Rev 2 - March 2023
AN925 STMICROELECTRONICS-AN925 Datasheet
23Kb / 4P
   Time Update in ST?셲 TIMEKEEPER Devices
December 1998
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com