Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8893MQL Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # KSZ8893MQL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8893MQL Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button KSZ8893MQL Datasheet HTML 6Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 7Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 8Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 9Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 10Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 11Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 12Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 13Page - Micrel Semiconductor KSZ8893MQL Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Micrel, Inc.
KSZ8893MQL/MBL
February 2010
10
M9999-021110-1.6
Pin Description and I/O Assignment of KSZ8893MQL
Pin Number
Pin Name
Type
(1)
Description
1
2
3
P1LED2
P1LED1
P1LED0
Ipu/O
Ipu/O
Ipu/O
Port 1 LED Indicators
(apply to all modes of operation, except Repeater Mode)
[LEDSEL1, LEDSEL0]
[0, 0]
[0, 1]
P1LED3
P1LED2
Link/Act
100Link/Act
P1LED1
Full duplex/Col
10Link/Act
P1LED0
Speed
Full duplex
[LEDSEL1, LEDSEL0]
[1, 0]
[1, 1]
P1LED3
Act
P1LED2
Link
P1LED1
Full duplex/Col
P1LED0
Speed
Link/Act, 100Link/Act, 10Link/Act
: Low (link), High (no link),
Toggle (transmit / receive activity)
Full duplex/Col
: Low (full duplex), High (half duplex), Toggles
(collision)
Speed
: Low (100BASE-TX), High (10BASE-T)
Full duplex
: Low (full duplex), High (half duplex)
Act
: Toggle (transmit / receive activity)
Link
: Low (link), High (no link)
Repeater Mode (only)
[LEDSEL1, LEDSEL0]
[0, 0]
P1LED3
RPT_COL
P1LED2
RPT_LINK3/RX
P1LED1
RPT_LINK2/RX
P1LED0
RPT_LINK1/RX
RPT_COL
: Low (collision)
RPT_LINK#/RX
(# = port) : Low (link), High (no link), Toggles
(receive activity)
Notes:
LEDSEL0 is external strap-in pin 70.
LEDSEL1 is external strap-in pin 23.
P1LED3 is pin 25.
During reset, P1LED[2:0] are inputs for internal testing.
Note:
1. Ipu/O = Input with internal pull-up during reset, output pin otherwise.


Similar Part No. - KSZ8893MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQLAM MICREL-KSZ8893MQLAM Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8893MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com