Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJM4558CN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TJM4558CN
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TJM4558CN Datasheet(HTML) 2 Page - STMicroelectronics

  TJM4558CN Datasheet HTML 1Page - STMicroelectronics TJM4558CN Datasheet HTML 2Page - STMicroelectronics TJM4558CN Datasheet HTML 3Page - STMicroelectronics TJM4558CN Datasheet HTML 4Page - STMicroelectronics TJM4558CN Datasheet HTML 5Page - STMicroelectronics TJM4558CN Datasheet HTML 6Page - STMicroelectronics TJM4558CN Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TJM4558
2/7
SCHEMATIC DIAGRAM (1/2 TJM4558)
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
3.1k
Inverting input
Non-inverting input
7.1k
87pF
7.1k
480
4.2k
36k
10pF
150
25
Output
25
VCC
VCC
Symbol
Parameter
TJM4558I
TJM4558C
Unit
VCC
Supply Voltage
±22
V
Vi
Input Voltage
±15
V
Vid
Differential Input Voltage
±30
V
Ptot
Power Dissipation
680
mW
Output Short Circuit Duration
Infinite
Toper
Operating Free-Air Temperature Range
-40 to +105
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
20
40
100
nA
Iib
Input Bias Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
100
400
nA
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
25
200
V/mV


Similar Part No. - TJM4558CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558C STMICROELECTRONICS-TJM4558C Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - TJM4558CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
   Wide bandwidth dual bipolar operational amplifier
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
   Wide bandwidth dual bipolar operational amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com