Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C43BM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC38C43BM
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C43BM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC38C43BM Datasheet HTML 3Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 4Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 5Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 6Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 7Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 8Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 9Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 10Page - Micrel Semiconductor MIC38C43BM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
September 2007
9
M9999-091107
Package Information
0.380 (9.65)
0.370 (9.40)
0.135 (3.43)
0.125 (3.18)
PIN 1
DIMENSIONS:
INCH (MM)
0.018 (0.57)
0.100 (2.54)
0.013 (0.330)
0.010 (0.254)
0.300 (7.62)
0.255 (6.48)
0.245 (6.22)
0.380 (9.65)
0.320 (8.13)
0.0375 (0.952)
0.130 (3.30)
8-Pin Plastic DIP (N)
.080 (1.524)
.015 (0.381)
.023 (.5842)
.015 (.3810)
.310 (7.874)
.280 (7.112)
.770 (19.558) MAX
.235 (5.969)
.215 (5.461)
.060 (1.524)
.045 (1.143)
.160 MAX
(4.064)
.160 (4.064)
.100 (2.540)
.110 (2.794)
.090 (2.296)
.400 (10.180)
.330 (8.362)
.015 (0.381)
.008 (0.2032)
.060 (1.524)
.045 (1.143)
PIN 1
14-Pin Plastic DIP (N)


Similar Part No. - MIC38C43BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C43BM MICREL-MIC38C43BM Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43BM MICREL-MIC38C43BM Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43BM MICREL-MIC38C43BM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43BM MICREL-MIC38C43BM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43BMM MICREL-MIC38C43BMM Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C43BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com