Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C44BM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC38C44BM
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C44BM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC38C44BM Datasheet HTML 2Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 3Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 4Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 5Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 6Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 7Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 8Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 9Page - Micrel Semiconductor MIC38C44BM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
M9999-091107
6
September 2007
Typical Characteristics
1
10
100
1x104
1x105
5x105
OSCILLATOR FREQUENCY (Hz)
Oscillator Frequency
Configuration
10nF
4.7nF
1nF
470pF
200pF
1.8nF
VDD = 15V
1
10
100
1x104
1x105
1x106
FREQUENCY (Hz)
MIC38C42/43 Output Dead Time
vs. Oscillator Frequency
VDD = 15V
10nF
4.7nF
200pF
470pF
18nF
1nF
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Oscillator Discharge
Current vs. Temperature
VDD = 15V
VOSC = 2V
0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
ERROR AMPLIFIER OUTPUT (V)
Current Sense Amplifier
vs. Error Amplifier Output
-50°C
25°C
125°C
0
20
40
60
80
100
120
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Short-Circuit Reference
Current vs. Temperature
VDD = 15V
-15
-10
-5
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
TIME (µs)
MIC38C4x
Output Waveform
VD = 15V
CL = 1nF


Similar Part No. - MIC38C44BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C44BM MICREL-MIC38C44BM Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44BM MICREL-MIC38C44BM Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44BM MICREL-MIC38C44BM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44BM MICREL-MIC38C44BM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44BMM MICREL-MIC38C44BMM Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C44BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com