Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM15BD121SN1J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM15BD121SN1J
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15BD121SN1J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM15BD121SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15BD121SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15BD121SN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM15BD121SN1J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM15BD121SN1J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM15BD121SN1J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2012.7.5
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15BA750SN1
p
75ohm ±25%
-
200mA
0.80ohm max.
-55 to +125°C
Number of Circuits: 1
c Impedance-Frequency Characteristics (Main Items)
BLM15BD Series
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM15BD182SN1
BLM15BD102SN1
BLM15BD601SN1
BLM15BD471SN1
BLM15BD221SN1
BLM15BD121SN1
BLM15BD750SN1
c Impedance-Frequency Characteristics (Main Items)
BLM15BB Series
Frequency (MHz)
1
10
100
1000
3000
900
600
300
0
BLM15BB221SN1
BLM15BB750SN1
BLM15BB470SN1
BLM15BB220SN1
BLM15BB100SN1
BLM15BB050SN1
BLM15BB121SN1
c Impedance-Frequency Characteristics (Main Items)
BLM15BC Series
Frequency (MHz)
1
10
100
1000
3000
0
1000
2000
3000
4000
BLM15BC241SN1
BLM15BC121SN1
c Impedance-Frequency Characteristics (Main Items)
BLM15BA Series
Frequency (MHz)
1
10
100
1000
3000
0
1000
2000
3000
4000
5000
BLM15BA330SN1
BLM15BA470SN1
BLM15BA750SN1
BLM15BA220SN1
BLM15BA100SN1
BLM15BA050SN1
c Impedance-Frequency Characteristics
BLM15BD750SN1
1
10
100
1000
3000
Frequency (MHz)
0
150
100
50
Z
R
X
c Impedance-Frequency Characteristics
BLM15BD121SN1
1
10
100
1000
3000
Frequency (MHz)
0
250
200
150
100
50
Z
R
X
Continued on the following page.


Similar Part No. - BLM15BD121SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD121SN1J MURATA1-BLM15BD121SN1J Datasheet
247Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM15BD121SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com