Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C42BMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC38C42BMM
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C42BMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC38C42BMM Datasheet HTML 3Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 4Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 5Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 6Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 7Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 8Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 9Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 10Page - Micrel Semiconductor MIC38C42BMM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
September 2007
7
M9999-091107
When designing high-frequency converters, avoid capacitive
and inductive coupling of the switching waveform into high-
impedance circuitry such as the error amplifier, oscillator, and
current sense amplifier. Avoid long printed-circuit traces and
componentleads.Locateoscillatorandcompensationcircuitry
near the IC. Use high frequency decoupling capacitors on
VREF, and if necessary, on VDD. Return high di/dt currents
directly to their source and use large area ground planes.
Buck Converter
Refer to figure 1. When at least 26V is applied to the input,
C5 is charged through R2 until the voltage VDD is greater
than14.5V(theundervoltagelockoutvalueoftheMIC38C42).
Output switching begins when Q1 is turned on by the gate
drive transformer T1, charging the output filter capacitor C3
through L1. D5 supplies a regulated +12V to VDD once the
circuit is running.
Current sense transformer CT1 provides current feedback to
ISNS for current-mode operation and cycle-by-cycle current
limiting. Thisismoreefficientthanahigh-powersenseresistor
and provides the required ground-referenced level shift.
WhenQ1turnsoff,currentflowcontinuesfromgroundthrough
D1 and L1 until Q1 is turned on again.
The100VSchottkydiodeD1reducestheforwardvoltagedrop
in the main current path, resulting in higher efficiency than
could be accomplished using an ultra-fast-recovery diode.
R1 and C2 suppress parasitic oscillations from D1.
Using a high-value inductance for L1 and a low-ESR capaci-
tor for C3 permits small capacitance with minimum output
ripple. This inductance value also improves circuit efficiency
by reducing the flux swing in L1.
Magnetic components are carefully chosen for minimal loss
at 500kHz. CT1 and T1 are wound on Magnetics, Inc. P-
type material toroids. L1 is wound on a Siemens N49 EFD
core.
Application Information
Familiarity with 384x converter designs is assumed.
The MIC38C4x has been designed to be compatible with
384xA series controllers.
MIC38C4x Advantages
Start-up Current
Start-up current has been reduced to an ultra-low 50µA (typi-
cal)permittinghigher-valued,lower-wattage,start-upresistors
(powerscontrollerduringpowersupplystart-up). Thereduced
resistor wattage reduces cost and printed circuit space.
Operating Current
Operating current has been reduced to 4mA compared to
11mA for a typical bipolar controller. The controller runs
cooler and the VDD hold-up capacitance required during
start-up may be reduced.
Output Driver
Complementary internal P- and N-channel MOSFETs pro-
duce rail-to-rail output voltages for better performance driving
external power MOSFETs. The driver transistor’s low on-
resistance and high peak current capability can drive gate
capacitances of greater than 1000pF. The value of output
capacitance which can be driven is determined only by the
rise/fall time requirements. Within the restrictions of output
capacityandcontrollerpowerdissipation,maximumswitching
frequency can approach 500kHz.
Design Precautions
When operating near 20V, circuit transients can easily exceed
the20Vabsolutemaximumrating,permanentlydamagingthe
controller’s CMOS construction. To reduce transients, use
a 0.1µF low-ESR capacitor to next to the controller’s supply
VDD (or VD for ‘-1’ versions) and ground connections. Film
type capacitors, such as Wima MKS2, are recommended.
Figure 1. 500kHz, 25W, Buck Converter
VOUT
12V, 2A
COM P
F B
I S N S
RT/CT GND
OUT
VDD
V R E F
C2
1000pF
R1
10
1/2W
31DQ10
D1
L1 48µH
C3
3.3µF
C4
0.1µF
6.19k
1%
1.62k
1%
R4
18
C7
200pF
R5
16k
0.1µF
D3
MBR030
C8
0.1µF
T1
6.8k
0.22µF
100k
Q1
IRF820
0.1µF
C5
4.7µF
R2
68k
D2
M17Z105
1/4W
D5
1N4001
D4
1N765B
VIN
26V to 40V
CT1
4.7Ω
MIC38C42
1
2
3
4
8
7
6
5
0.1µF*
*Locate near MIC38C42 supply pins
MKS2


Similar Part No. - MIC38C42BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42BMM MICREL-MIC38C42BMM Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42BMM MICREL-MIC38C42BMM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42BMM MICREL-MIC38C42BMM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C42BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com