Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18PG331SN1B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM18PG331SN1B
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18PG331SN1B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM18PG331SN1B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18PG331SN1B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18PG331SN1B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18PG331SN1B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2012.1.10
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM18PG121SN1
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
c Impedance-Frequency Characteristics
BLM18PG181SN1
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
c Impedance-Frequency Characteristics
BLM18PG221SN1
1
10
100
1000
3000
Frequency (MHz)
R
X
0
100
200
300
Z
c Impedance-Frequency Characteristics
BLM18PG331SN1
1
10
100
1000
3000
Frequency (MHz)
X
0
150
300
450
Z
R
c Impedance-Frequency Characteristics
BLM18PG471SN1
1
10
100
1000
3000
Frequency (MHz)
X
0
150
300
450
600
Z
R
Continued on the following page.


Similar Part No. - BLM18PG331SN1B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18PG331SN1B MURATA1-BLM18PG331SN1B Datasheet
336Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
More results

Similar Description - BLM18PG331SN1B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18KG260TN1D MURATA-BLM18KG260TN1D Datasheet
157Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM18HG471SN1D MURATA-BLM18HG471SN1D Datasheet
228Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com