Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQG15HN2N4S02D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQG15HN2N4S02D
Description  Chip Inductor (Chip Coil) for High Frequency Multilayer Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG15HN2N4S02D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQG15HN2N4S02D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG15HN2N4S02D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Multilayer Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQG15HN9N1J02p
9.1nH
±5%
100MHz
300mA
0.34ohm
8
100MHz
3400MHz
LQG15HN10NJ02p
10nH
±5%
100MHz
300mA
0.35ohm
8
100MHz
3200MHz
LQG15HN12NJ02p
12nH
±5%
100MHz
300mA
0.41ohm
8
100MHz
2800MHz
LQG15HN15NJ02p
15nH
±5%
100MHz
300mA
0.46ohm
8
100MHz
2300MHz
LQG15HN18NJ02p
18nH
±5%
100MHz
300mA
0.51ohm
8
100MHz
2100MHz
LQG15HN22NJ02p
22nH
±5%
100MHz
300mA
0.58ohm
8
100MHz
1800MHz
LQG15HN27NJ02p
27nH
±5%
100MHz
300mA
0.67ohm
8
100MHz
1600MHz
LQG15HN33NJ02p
33nH
±5%
100MHz
200mA
0.67ohm
8
100MHz
1500MHz
LQG15HN39NJ02p
39nH
±5%
100MHz
200mA
1.06ohm
8
100MHz
1200MHz
LQG15HN47NJ02p
47nH
±5%
100MHz
200mA
1.15ohm
8
100MHz
1000MHz
LQG15HN56NJ02p
56nH
±5%
100MHz
200mA
1.20ohm
8
100MHz
800MHz
LQG15HN68NJ02p
68nH
±5%
100MHz
180mA
1.25ohm
8
100MHz
800MHz
LQG15HN82NJ02p
82nH
±5%
100MHz
150mA
1.60ohm
8
100MHz
600MHz
LQG15HNR10J02p
100nH
±5%
100MHz
150mA
1.60ohm
8
100MHz
600MHz
LQG15HNR12J02p
120nH
±5%
100MHz
150mA
1.60ohm
8
100MHz
600MHz
100
1000
10000
Frequency (MHz)
100
80
60
40
20
0
1.5nH
4.7nH
12nH
33nH
68nH
120nH
100
1000
10000
Frequency (MHz)
1000
100
10
1
1.5nH
12nH
4.7nH
33nH
68nH
120nH
Operating Temperature Range: -55
°C to +125°C
Only for reflow soldering.
I Q-Frequency Characteristics (Typ.)
I Inductance-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQG15HN2N4S02D

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
LQG15HN1N5S02D SKYWORKS-LQG15HN1N5S02D Datasheet
644Kb / 11P
   High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
logo
Qorvo, Inc
LQG15HN47NJ02D QORVO-LQG15HN47NJ02D Datasheet
1Mb / 18P
   75 20 dB CATV Amplifier 47 ??1218 MHz
LQG15HN47NJ02D QORVO-LQG15HN47NJ02D Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
LQG15HN6N8J02D QORVO-LQG15HN6N8J02D Datasheet
1Mb / 18P
   75 20 dB CATV Amplifier 47 ??1218 MHz
More results

Similar Description - LQG15HN2N4S02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQG15HSR10J02D MURATA-LQG15HSR10J02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com