Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18GG471SN1J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM18GG471SN1J
Description  EMIFIL (Inductor type) Chip Ferrite Bead for High-GHz Noise BLM18G Series (0603 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18GG471SN1J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM18GG471SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18GG471SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2011.3.3
Noise Suppression Products/EMI Suppression Filters > EMIFILr (Inductor type) > Chip Ferrite Bead for High-GHz Noise
0.35
±0.15
1.6
±0.1
0.8
±0.1
(in mm)
: Electrode
(Resistance element becomes dominant
at high frequencies.)
EMIFILr (Inductor type) Chip Ferrite Bead for High-GHz Noise
BLM18G Series (0603 Size)
I Dimensions
I Equivalent Circuit
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18GG471SN1p
470ohm
±25%
1800ohm
±30%
200mA
1.0ohm
±0.3ohm
-55 to +125
°C
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
BLM18GG471SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
X
Z
R
Number of Circuits: 1
I Impedance-Frequency Characteristics (Main Items)
I Impedance-Frequency Characteristics
BLM18GG471SN1
Continued on the following page.


Similar Part No. - BLM18GG471SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18GG471SN1J MURATA1-BLM18GG471SN1J Datasheet
243Kb / 4P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
More results

Similar Description - BLM18GG471SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HG471SN1D MURATA-BLM18HG471SN1D Datasheet
228Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG101TN1 MURATA-BLM18EG101TN1 Datasheet
146Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
BLM18KG260TN1D MURATA-BLM18KG260TN1D Datasheet
157Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com