Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA31BD121SN4D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLA31BD121SN4D
Description  EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA31BD121SN4D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLA31BD121SN4D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA31BD121SN4D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA31BD121SN4D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA31BD121SN4D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2011.7.7
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLA31AG601SN4
BLA31AG102SN4
BLA31AG600SN4
BLA31AG300SN4
BLA31AG221SN4
BLA31AG121SN4
Frequency (MHz)
1
10
100
1000
3000
1500
300
600
900
1200
0
BLA31BD121SN4
BLA31BD601SN4
BLA31BD102SN4
BLA31BD471SN4
BLA31BD221SN4
1
10
100
1000
3000
Frequency (MHz)
30
20
10
0
Z
R
X
40
1
10
100
1000
3000
Frequency (MHz)
60
40
20
0
Z
R
X
80
1
10
100
1000
3000
Frequency (MHz)
120
80
40
0
Z
R
X
160
1
10
100
1000
3000
Frequency (MHz)
50
100
150
200
250
0
Z
R
X
300
Noise Suppression Products/EMI Suppression Filters > EMIFILr (Inductor type) > Chip Ferrite Bead (Array)
I Impedance-Frequency Characteristics (Main Items)
BLA31AG Series
I Impedance-Frequency Characteristics (Main Items)
BLA31BD Series
I Impedance-Frequency Characteristics
BLA31AG300SN4
I Impedance-Frequency Characteristics
BLA31AG600SN4
I Impedance-Frequency Characteristics
BLA31AG121SN4
I Impedance-Frequency Characteristics
BLA31AG221SN4
Continued on the following page.


Similar Part No. - BLA31BD121SN4D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA31BD121SN4D MURATA-BLA31BD121SN4D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLA31BD121SN4D MURATA1-BLA31BD121SN4D Datasheet
299Kb / 4P
   BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
More results

Similar Description - BLA31BD121SN4D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA2AAG121SN4D MURATA-BLA2AAG121SN4D Datasheet
167Kb / 5P
   EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com