Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABB470SN4J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB470SN4J
Description  EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA2AA/BLA2AB Series (0804 Size)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB470SN4J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLA2ABB470SN4J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABB470SN4J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABB470SN4J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABB470SN4J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABB470SN4J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead (Array)
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics (Main Items)
BLA2AAG Series
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLA2AAG601SN
BLA2AAG102SN4
BLA2AAG221SN4
BLA2AAG121SN4
c Impedance-Frequency Characteristics (Main Items)
BLA2ABD Series
Frequency (MHz)
1
10
100
1000
3000
1600
1200
800
400
0
BLA2ABD102SN4
BLA2ABD601SN4
BLA2ABD471SN4
BLA2ABD221SN4
BLA2ABD121SN4
BLA2ABD750SN4
c Impedance-Frequency Characteristics (Main Items)
BLA2ABB Series
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
1000
BLA2ABB121SN4
BLA2ABB221SN4
BLA2ABB220SN4
BLA2ABB100SN4
BLA2ABB470SN4
c Impedance-Frequency Characteristics
BLA2AAG121SN4
1
10
100
1000
3000
Frequency (MHz)
200
160
120
80
40
0
Z
R
X
c Impedance-Frequency Characteristics
BLA2AAG221SN4
1
10
100
1000
3000
Frequency (MHz)
400
300
200
100
0
Z
R
X
c Impedance-Frequency Characteristics
BLA2AAG601SN4
1
10
100
1000
3000
Frequency (MHz)
1000
800
600
400
200
0
Z
X
R
Continued on the following page.


Similar Part No. - BLA2ABB470SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA2ABB470SN4J MURATA1-BLA2ABB470SN4J Datasheet
272Kb / 4P
   BLA2AA/2AB series has 4 circuits in 2.0x1.0mm body with 0.5mm pitch.
Last updated06/21/2022
More results

Similar Description - BLA2ABB470SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA31AG300SN4D MURATA-BLA31AG300SN4D Datasheet
133Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com