Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18HK601SN1J Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HK601SN1J
Description  EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HK601SN1J Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM18HK601SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18HK601SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18HK601SN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18HK601SN1J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18HK601SN1J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18HK601SN1J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead for GHz Noise
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics (Main Items)
BLM18HK Series
Frequency (MHz)
1
10
100
1000
3000
0
1500
1200
900
600
300
BLM18HK471SN1
BLM18HK331SN1
BLM18HK601SN1
BLM18HK102SN1
c Impedance-Frequency Characteristics
BLM18HG471SN1
1
10
100
1000
3000
Frequency (MHz)
0
1000
750
500
250
Z
R
X
c Impedance-Frequency Characteristics
BLM18HG601SN1
1
10
100
1000
3000
Frequency (MHz)
0
1200
900
600
300
Z
R
X
c Impedance-Frequency Characteristics
BLM18HG102SN1
1
10
100
1000
3000
Frequency (MHz)
0
2000
1500
1000
500
Z
R
X
c Impedance-Frequency Characteristics
BLM18HE601SN1
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
R
X
c Impedance-Frequency Characteristics
BLM18HE102SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
Z
R
X
Continued on the following page.


Similar Part No. - BLM18HK601SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HK601SN1J MURATA1-BLM18HK601SN1J Datasheet
248Kb / 4P
   BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results

Similar Description - BLM18HK601SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18GG471SN1D MURATA-BLM18GG471SN1D Datasheet
44Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead for High-GHz Noise BLM18G Series (0603 Size)
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG101TN1 MURATA-BLM18EG101TN1 Datasheet
146Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
BLM18KG260TN1D MURATA-BLM18KG260TN1D Datasheet
157Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com