Electronic Components Datasheet Search |
|
LQW15AN8N7H00B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
LQW15AN8N7H00B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 4 page 3 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 3 Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound 2012.9.6 oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design. Continued from the preceding page. Part Number Inductance Test Frequency Rated Current Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.) LQW15AN15NJ00 p 15nH ±5% 100MHz 460mA 0.16ohm 30 250MHz 5.0GHz LQW15AN16NG00 p 16nH ±2% 100MHz 370mA 0.24ohm 25 250MHz 4.5GHz LQW15AN16NH00 p 16nH ±3% 100MHz 370mA 0.24ohm 25 250MHz 4.5GHz LQW15AN16NJ00 p 16nH ±5% 100MHz 370mA 0.24ohm 25 250MHz 4.5GHz LQW15AN18NG00 p 18nH ±2% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN18NH00 p 18nH ±3% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN18NJ00 p 18nH ±5% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN19NG00 p 19nH ±2% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN19NH00 p 19nH ±3% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN19NJ00 p 19nH ±5% 100MHz 370mA 0.27ohm 25 250MHz 4.5GHz LQW15AN20NG00 p 20nH ±2% 100MHz 370mA 0.27ohm 25 250MHz 4.0GHz LQW15AN20NH00 p 20nH ±3% 100MHz 370mA 0.27ohm 25 250MHz 4.0GHz LQW15AN20NJ00 p 20nH ±5% 100MHz 370mA 0.27ohm 25 250MHz 4.0GHz LQW15AN22NG00 p 22nH ±2% 100MHz 310mA 0.30ohm 25 250MHz 4.0GHz LQW15AN22NH00 p 22nH ±3% 100MHz 310mA 0.30ohm 25 250MHz 4.0GHz LQW15AN22NJ00 p 22nH ±5% 100MHz 310mA 0.30ohm 25 250MHz 4.0GHz LQW15AN23NG00 p 23nH ±2% 100MHz 310mA 0.30ohm 25 250MHz 3.8GHz LQW15AN23NH00 p 23nH ±3% 100MHz 310mA 0.30ohm 25 250MHz 3.8GHz LQW15AN23NJ00 p 23nH ±5% 100MHz 310mA 0.30ohm 25 250MHz 3.8GHz LQW15AN24NG00 p 24nH ±2% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN24NH00 p 24nH ±3% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN24NJ00 p 24nH ±5% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN27NG00 p 27nH ±2% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN27NH00 p 27nH ±3% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN27NJ00 p 27nH ±5% 100MHz 280mA 0.52ohm 25 250MHz 3.5GHz LQW15AN30NG00 p 30nH ±2% 100MHz 270mA 0.58ohm 25 250MHz 3.3GHz LQW15AN30NH00 p 30nH ±3% 100MHz 270mA 0.58ohm 25 250MHz 3.3GHz LQW15AN30NJ00 p 30nH ±5% 100MHz 270mA 0.58ohm 25 250MHz 3.3GHz LQW15AN33NG00 p 33nH ±2% 100MHz 260mA 0.63ohm 25 250MHz 3.2GHz LQW15AN33NH00 p 33nH ±3% 100MHz 260mA 0.63ohm 25 250MHz 3.2GHz LQW15AN33NJ00 p 33nH ±5% 100MHz 260mA 0.63ohm 25 250MHz 3.2GHz LQW15AN36NG00 p 36nH ±2% 100MHz 260mA 0.63ohm 25 250MHz 3.1GHz LQW15AN36NH00 p 36nH ±3% 100MHz 260mA 0.63ohm 25 250MHz 3.1GHz LQW15AN36NJ00 p 36nH ±5% 100MHz 260mA 0.63ohm 25 250MHz 3.1GHz LQW15AN39NG00 p 39nH ±2% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN39NH00 p 39nH ±3% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN39NJ00 p 39nH ±5% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN40NG00 p 40nH ±2% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN40NH00 p 40nH ±3% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN40NJ00 p 40nH ±5% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN43NG00 p 43nH ±2% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN43NH00 p 43nH ±3% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN43NJ00 p 43nH ±5% 100MHz 250mA 0.70ohm 25 250MHz 3.0GHz LQW15AN47NG00 p 47nH ±2% 100MHz 210mA 1.08ohm 25 200MHz 2.9GHz LQW15AN47NH00 p 47nH ±3% 100MHz 210mA 1.08ohm 25 200MHz 2.9GHz Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C Only for reflow soldering. Continued on the following page. |
Similar Part No. - LQW15AN8N7H00B |
|
Similar Description - LQW15AN8N7H00B |