Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW15AN11NJ00B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN11NJ00B
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN11NJ00B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW15AN11NJ00B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN11NJ00B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN11NJ00B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN11NJ00B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2012.9.6
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15A_00 Series (0402 Size)
c Dimensions
1.0±0.1
0.2±0.1
0.2±0.1
W∗
W
0.6±0.1
0.5±0.1
Inductance (nH)
1.5-23
24-120
(in mm)
0.5±0.1
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQW15AN1N5B00
p 1.5nH ±0.1nH
100MHz
1000mA
0.03ohm
10
250MHz
18.0GHz
LQW15AN1N5C00
p 1.5nH ±0.2nH
100MHz
1000mA
0.03ohm
10
250MHz
18.0GHz
LQW15AN1N5D00
p 1.5nH ±0.5nH
100MHz
1000mA
0.03ohm
10
250MHz
18.0GHz
LQW15AN2N4B00
p 2.4nH ±0.1nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N4C00
p 2.4nH ±0.2nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N4D00
p 2.4nH ±0.5nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N5B00
p 2.5nH ±0.1nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N5C00
p 2.5nH ±0.2nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N5D00
p 2.5nH ±0.5nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N7B00
p 2.7nH ±0.1nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N7C00
p 2.7nH ±0.2nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N7D00
p 2.7nH ±0.5nH
100MHz
850mA
0.05ohm
20
250MHz
15.0GHz
LQW15AN2N9B00
p 2.9nH ±0.1nH
100MHz
750mA
0.07ohm
20
250MHz
15.0GHz
LQW15AN2N9C00
p 2.9nH ±0.2nH
100MHz
750mA
0.07ohm
20
250MHz
15.0GHz
LQW15AN2N9D00
p 2.9nH ±0.5nH
100MHz
750mA
0.07ohm
20
250MHz
15.0GHz
LQW15AN3N9B00
p 3.9nH ±0.1nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN3N9C00
p 3.9nH ±0.2nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN3N9D00
p 3.9nH ±0.5nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N1B00
p 4.1nH ±0.1nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N1C00
p 4.1nH ±0.2nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N1D00
p 4.1nH ±0.5nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N3B00
p 4.3nH ±0.1nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N3C00
p 4.3nH ±0.2nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N3D00
p 4.3nH ±0.5nH
100MHz
750mA
0.07ohm
25
250MHz
10.0GHz
LQW15AN4N7B00
p 4.7nH ±0.1nH
100MHz
750mA
0.07ohm
25
250MHz
8.0GHz
LQW15AN4N7C00
p 4.7nH ±0.2nH
100MHz
750mA
0.07ohm
25
250MHz
8.0GHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN11NJ00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN11NJ00p MURATA-LQW15AN11NJ00p Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
More results

Similar Description - LQW15AN11NJ00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com