Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZY2Z010A001 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # TZY2Z010A001
Description  Selection Guide of Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z010A001 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2Z010A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2Z010A001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
+8
+6
+4
+2
20
45
65
85
-2
-4
-6
-8
-10
-12
-25
-10
0
0
Z010 (NP0±300 ppm/°C)
Temp. (°C)
c Temperature Characteristics
TZR1Z010
+8
+6
+4
+2
20
45
65
85
-2
-4
-6
-8
-10
-12
-25
-10
0
0
Z1R5 (NP0±300 ppm/°C)
Temp. (°C)
TZR1Z1R5
+8
+6
+4
+2
20
0
–10
–25
45
65
85
–2
–4
–6
–8
–10
–12
0
Z040 (NP0±500 ppm/°C)
Temp.(°C)
TZR1Z040
+8
+6
+4
+2
20
0
–10
–25
45
65
85
–2
–4
–6
–8
–10
–12
0
R080 (N750±500 ppm/°C)
Temp.(°C)
TZR1R080
10000
1000
100
10
1
0
0246
Frequency (GHz)
0.55pF set
1.0pF set
Z010
Q
810
c Frequency Characteristics
TZR1Z010
10000
1000
100
10
1
0
0246
Frequency (GHz)
0.7pF set
1.5pF set
Z1R5
Q
810
TZR1Z1R5
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
2500
Frequency (MHz)
Z040
TZR1Z040
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
Frequency (MHz)
R080
TZR1R080
T13E.pdf
Aug.10,2012
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - TZY2Z010A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2Z010A001 MURATA-TZY2Z010A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2Z010A001B00 MURATA-TZY2Z010A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z010A001B00 MURATA1-TZY2Z010A001B00 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z010A001B00 MURATA1-TZY2Z010A001B00_V01 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z010A001R00 MURATA-TZY2Z010A001R00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

Similar Description - TZY2Z010A001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com