Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA10AN9012R0D2B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PLA10AN9012R0D2B
Description  AC Line Filters Common Mode Choke Coil PLA10 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLA10AN9012R0D2B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PLA10AN9012R0D2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLA10AN9012R0D2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLA10AN9012R0D2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > AC Line Filters > Common Mode Choke Coil
2012.7.5
oThis data sheet is applied for AC Line Filters Common Mode Choke Coil used for General Electronics equipment for your design.
AC Line Filters Common Mode Choke Coil
PLA10 Series
c Dimension
(in mm)
18 max.
13±0.5
10±0.5
16 max.
ø0.9 max.
(1)
[(2)]
(4)
[(3)]
(4)
[(1)]
(3)
[(2)]
c Insertion Loss Characteristics (Main)
0.1
1
10
100
0
20
40
60
80
0.01
Frequency (MHz)
PLA10AN1522R0R2
PLA10AN1821R7R2
PLA10AN2221R5R2
PLA10AN3021R3R2
PLA10AN3521R2R2
PLA10AN5521R0R2
PLA10AN7420R8R2
PLA10AN1030R7R2
PLA10AN1230R6R2
PLA10AN2030R5R2
PLA10AN3030R4R2
PLA10AN4330R3R2
c Rated Value (p: packaging code)
Part Number
Common Mode Inductance (min.)
Rated Current
Rated Voltage
Insulation Resistance (min.)
PLA10AN1522R0R2
p
1.5mH
2.0A
300V
100M ohm
PLA10AN1821R7R2
p
1.8mH
1.7A
300V
100M ohm
PLA10AN2221R5R2
p
2.2mH
1.5A
300V
100M ohm
PLA10AN3021R3R2
p
3.0mH
1.3A
300V
100M ohm
PLA10AN3521R2R2
p
3.5mH
1.2A
300V
100M ohm
PLA10AN5521R0R2
p
5.5mH
1.0A
300V
100M ohm
PLA10AN7420R8R2
p
7.4mH
0.8A
300V
100M ohm
PLA10AN1030R7R2
p
10.0mH
0.7A
300V
100M ohm
PLA10AN1230R6R2
p
12.0mH
0.6A
300V
100M ohm
PLA10AN2030R5R2
p
20.0mH
0.5A
300V
100M ohm
PLA10AN3030R4R2
p
30.0mH
0.4A
300V
100M ohm
PLA10AN4330R3R2
p
43.0mH
0.3A
300V
100M ohm
Operating Temperature Range: -25°C to 60°C
Winding Temperature Rise (at Rated Current): 60°C (max.)
Continued on the following page.
PLA10 Series Standard Winding Type


Similar Part No. - PLA10AN9012R0D2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AN9012R0D2B MURATA-PLA10AN9012R0D2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
More results

Similar Description - PLA10AN9012R0D2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
Sumida Corporation
NFC1825 SUMIDA-NFC1825 Datasheet
207Kb / 2P
   AC Common Mode Choke Coil
LF2420B SUMIDA-LF2420B Datasheet
277Kb / 1P
   AC Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com