Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVZ3K102E01 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3K102E01
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3K102E01 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3K102E01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3K102E01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
c Construction
PVZ2A
0.9
0.6
0.6
0.7
(
Tolerance : ±0.1
in mm)
c Standard Land Pattern
PVZ2A
Driver Plate
Wiper
Resistive
Element
Resin Substrate
#2-Terminal
#3-Terminal
#1-Terminal
c Construction
PVZ2R
3.0 Dia.
0.6
0.9
0.7
0.7
(Tolerance : ±0.1)
in mm
c Standard Land Pattern
PVZ2R
Res. Change: +10, -2%
Res. Change: R<50kohm···+2, -10%
50kohm<R···+2, -15%
Res. Change: ±10%
Res. Change: R<50kohm···+2, -10%
50kohm<R···+2, -15%
Res. Change: ±5%
Res. Change: ±10% (10 cycles)
Humidity Exposure
High Temperature
Exposure
Humidity Load Life
Load Life
Temperature Cycle
Rotational Life
=
=
c Characteristics
R50E.pdf
Jul.23,2012
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - PVZ3K102E01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3K102E01B00 MURATA1-PVZ3K102E01B00 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K102E01B00 MURATA1-PVZ3K102E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3K102E01R00 MURATA-PVZ3K102E01R00 Datasheet
198Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3K102E01R00 MURATA1-PVZ3K102E01R00 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K102E01R00 MURATA1-PVZ3K102E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results

Similar Description - PVZ3K102E01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3A103C01B00 MURATA-PVZ3A103C01B00 Datasheet
1Mb / 55P
   SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
   6mm Size Ceramic Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com