Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZY2Z030A001 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # TZY2Z030A001
Description  Selection Guide of Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2Z030A001 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  TZY2Z030A001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2Z030A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
T13E.pdf
Aug.10,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Selection Guide of Ceramic Trimmer Capacitors
Mounting Method?
Surface Mount
PCB Insertion
Height 0.90mm max.
Height 2.6mm max.
Height 1.7mm max.
Height 3.2mm max.
Height 5.3mm max.
TZC3
3.2(W) x 4.5(L)
TZB4_A
4.0(W) x 4.5(L)
TZB4_B
4.0(W) x 4.5(L)
TZB4_E
4.0(W) x 4.5(L)
TZW4
4.2(W) x 5.2(L)
TZ03_F
6.0(W) x 6.0(L)
TZ03_N
6.0(W) x 6.0(L)
TZB4_A
4.0(W) x 4.5(L)
(with cover film)
TZB4_B
4.0(W) x 4.5(L)
(with cover film)
TZB4_E
4.0(W) x 4.5(L)
(with cover film)
TZR1
1.5(W) x 1.7(L)
TZS2
2.2(W) x 2.7(L)
TZY2
2.5(W) x 3.2(L)
TZV2
2.3(W) x 3.2(L)
Height 1.00mm max.
Height 3.2mm max.
Height 1.25mm max.
Height 1.45mm max.
Flow
Manual Insertion
Reflow
High Frequency Power
All Ceramic Trimmer Capacitor products comply with RoHS and ELV.


Similar Part No. - TZY2Z030A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2Z030A001 MURATA-TZY2Z030A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2Z030A001B00 MURATA-TZY2Z030A001B00 Datasheet
190Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2Z030A001B00 MURATA1-TZY2Z030A001B00 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z030A001B00 MURATA1-TZY2Z030A001B00_V01 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2Z030A001R00 MURATA-TZY2Z030A001R00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

Similar Description - TZY2Z030A001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com