Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6722QSD Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6722QSD
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6722QSD Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6722QSD Datasheet HTML 4Page - Texas Instruments LMH6722QSD Datasheet HTML 5Page - Texas Instruments LMH6722QSD Datasheet HTML 6Page - Texas Instruments LMH6722QSD Datasheet HTML 7Page - Texas Instruments LMH6722QSD Datasheet HTML 8Page - Texas Instruments LMH6722QSD Datasheet HTML 9Page - Texas Instruments LMH6722QSD Datasheet HTML 10Page - Texas Instruments LMH6722QSD Datasheet HTML 11Page - Texas Instruments LMH6722QSD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
0.1
1
10
100
1000
FREQUENCY (MHz)
-60
-50
-40
-30
-20
-10
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RF = 400:
RF = 600:
RF = 147:
RF = 300:
AV = 2V/V
VOUT = 0.5VPP
0.1
1
10
100
1000
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
-PSRR
+PSRR
130
0.01
1
1000
FREQUENCY (MHz)
50
80
100
10
0.1
110
100
70
60
90
120
MAGNITUDE
PHASE
-180
-45
-90
-135
0
0
5
10 15 20 25 30 35 40 45 50
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (nS)
AV = -1V/V
RF = 300:
AV = +2V/V
RF = 300:
0.01
1
1000
FREQUENCY (MHz)
0.01
1
1000
100
10
0.1
100
10
0.1
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
(V
+ = +5V, V= −5V, A
V = 2, RF = 300Ω, RL = 100Ω Unless Specified).
Small Signal Pulse Response
Closed Loop Output Resistance
Figure 20.
Figure 21.
Open Loop Transimpedance Z(s)
PSRR vs. Frequency
Figure 22.
Figure 23.
CMRR vs. Frequency
Frequency Response vs. RF
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6722QSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6722QSD TI-LMH6722QSD Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6722QSD/NOPB TI1-LMH6722QSD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6722QSDX TI-LMH6722QSDX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6722QSDX/NOPB TI1-LMH6722QSDX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6722QSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com