Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XC330J03RC Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XC330J03RC
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XC330J03RC Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XC330J03RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XC330J03RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
NTC Thermistors
Temperature Sensor and Compensation 0201 (0603) Size
Chip NTC Thermistors have Ni barrier termination
and provide excellent solderability and offer high
stability in environment by unique inner construction.
c Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
c Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric
circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15±0.05
0.15±0.05
0.60±0.03
(in mm)
Part Number
Resistance
(25°C)
(ohm)
B-Constant
(25-50°C)
(K)
B-Constant
(25-80°C)
(Reference Value) (K)
B-Constant
(25-85°C)
(Reference Value) (K)
B-Constant
(25-100°C)
(Reference Value) (K)
Permissive Operating
Current (25°C)
(mA)
Rated Electric
Power (25°C)
(mW)
Typical Dissipation
Constant (25°C)
(mW/°C)
NCP03XM102
p05RL
1.0k
3500 ±1%
3539
3545
3560
1.00
100
1
NCP03XM152
p05RL
1.5k
3500 ±1%
3539
3545
3560
0.81
100
1
NCP03XM222
p05RL
2.2k
3500 ±1%
3539
3545
3560
0.67
100
1
NCP03XM332
p05RL
3.3k
3500 ±1%
3539
3545
3560
0.55
100
1
NCP03XM472
p05RL
4.7k
3500 ±1%
3539
3545
3560
0.46
100
1
NCP03XH682
p05RL
6.8k
3380 ±1%
3428
3434
3455
0.38
100
1
NCP03XH103F05RL
10k ±1%
3380 ±1%
3428
3434
3455
0.31
100
1
NCP03XH103
p05RL
10k
3380 ±1%
3428
3434
3455
0.31
100
1
NCP03XV103
p05RL
10k
3900 ±1%
3930
3934
3944
0.31
100
1
NCP03XH153
p05RL
15k
3380 ±1%
3428
3434
3455
0.25
100
1
NCP03XH223
p05RL
22k
3380 ±1%
3428
3434
3455
0.21
100
1
NCP03WF333
p05RL
33k
4250 ±1%
4303
4311
4334
0.17
100
1
NCP03WB473
p05RL
47k
4050 ±3%
4101
4108
4131
0.14
100
1
NCP03WL473
p05RL
47k
4485 ±1%
4537
4543
4557
0.14
100
1
NCP03WF683
p05RL
68k
4250 ±1%
4303
4311
4334
0.12
100
1
NCP03WL683
p05RL
68k
4485 ±1%
4537
4543
4557
0.12
100
1
NCP03WF104F05RL
100k ±1%
4250 ±1%
4303
4311
4334
0.10
100
1
NCP03WF104
p05RL
100k
4250 ±1%
4303
4311
4334
0.10
100
1
NCP03WL104
p05RL
100k
4485 ±1%
4537
4543
4557
0.10
100
1
NCP03WL154
p05RL
150k
4485 ±1%
4537
4543
4557
0.08
100
1
NCP03WL224
p05RL
220k
4485 ±1%
4537
4543
4557
0.06
100
1
p is filled with resistance tolerance codes (E: ±3%, J: ±5%).
Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125°C by self heating, at ambient temperature of 25 °C.
Operating Temperature Range: -40°C to +125°C
R44E.pdf
Dec.17,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - NCP15XC330J03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XC330J03RC MURATA1-NCP15XC330J03RC Datasheet
224Kb / 2P
   NTC for Temperature Sensor
12/01/2022
NCP15XC330J03RC MURATA1-NCP15XC330J03RC Datasheet
269Kb / 2P
   NTC for Temperature Sensor
01/19/2024
NCP15XC330J03RC MURATA1-NCP15XC330J03RC_V01 Datasheet
224Kb / 2P
   NTC for Temperature Sensor
12/01/2022
NCP15XC330J03RC MURATA1-NCP15XC330J03RC_V02 Datasheet
269Kb / 2P
   NTC for Temperature Sensor
01/19/2024
More results

Similar Description - NCP15XC330J03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com