Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ20MA0160 Datasheet(PDF) 9 Page - AVX Corporation

Part # VJ20MA0160
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ20MA0160 Datasheet(HTML) 9 Page - AVX Corporation

Back Button VJ20MA0160 Datasheet HTML 2Page - AVX Corporation VJ20MA0160 Datasheet HTML 3Page - AVX Corporation VJ20MA0160 Datasheet HTML 4Page - AVX Corporation VJ20MA0160 Datasheet HTML 5Page - AVX Corporation VJ20MA0160 Datasheet HTML 6Page - AVX Corporation VJ20MA0160 Datasheet HTML 7Page - AVX Corporation VJ20MA0160 Datasheet HTML 8Page - AVX Corporation VJ20MA0160 Datasheet HTML 9Page - AVX Corporation VJ20MA0160 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
38
PART NUMBERS
Max.
Max. Peak
Cap.
Operating voltage
Breakdown Voltage Voltage at 1mA
Max. Clamping Voltage
Leakage
Energy
Current
Typical
AVX PN
Case Size
8*20µs
Current
10*1000µs
8*20µs
(1KHz,0.5V)
1 Pulse
Vrms
Vdc
Min.
Average
Max.
V
A
µA
Joule
A
pF
VJ32M01750K--
3220
175
225
245
270
297
455
10
15
9.5
300
120
VJ32M00231K--
3220
230
300
327
360
396
595
10
15
10
300
80
VJ32M00251K--
3220
250
330
355
390
429
650
10
15
11
300
75
VJ32M02750K--
3220
275
369
391
430
473
710
10
15
13
300
70
VJ32M00301K--
3220
300
385
427
470
517
775
10
15
15
300
65
Glass Encapsulated SMD Varistor MLV
(VJ32/VC32)
GENERAL DESCRIPTION
The VJ32/VC32M0 Series offers the designer a
surface mount solution with higher voltage
ratings and transient energy ratings. This
Multilayer Layer Surface Mount Varistor replaces
the traditional radial-lead Varistors with reduced
size and weight. The glass encapsulation ensures
the high performances in voltage up to 300Vrms
reliability and acid-resistance against harsh
environment like chlorite soldering flux.
APPLICATIONS
• MOV (Radial) Replacement
• Suppression of transient on line voltage
• Electric Meters
• Industrial Equipment
• Mains PSUs
• Telecommunications
• Consumer Electronics
FEATURES
• Lead less surface mount chip 3220 Case Size
• Voltage Ratings from 175Vrms to 300 Vrms
• VJ32 with Ni barrier/100% Sn Termination (for lead free
soldering applications)
VC32 with hybrid PdPtAg Termination (not suitable for
lead free soldering)
• Operating temperature from -55°C to +85°C
• RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - VJ20MA0160

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ20MA0160 AVX-VJ20MA0160 Datasheet
435Kb / 10P
   Glass Encapsulated SMD Varistor MLV
More results

Similar Description - VJ20MA0160

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ12 AVX-VJ12 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
   ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
   ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
   ESD Protection Devices
logo
Rohm
RSA5L ROHM-RSA5L_15 Datasheet
269Kb / 5P
   ESD Protection Devices
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
   ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0563U015 LEIDITECH-PESD0563U015 Datasheet
1Mb / 6P
   ESD Protection Devices
logo
First Silicon Co., Ltd
PE12A-2510 FS-PE12A-2510 Datasheet
896Kb / 7P
   ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
   ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
   ESD Protection Devices
3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com