Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21BD331SN1L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BD331SN1L
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BD331SN1L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM21BD331SN1L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21BB221SN1
p
220ohm ±25%
-
500mA
0.26ohm max.
-55 to +125°C
BLM21BB331SN1
p
330ohm ±25%
-
400mA
0.33ohm max.
-55 to +125°C
BLM21BB471SN1
p
470ohm ±25%
-
400mA
0.40ohm max.
-55 to +125°C
Number of Circuits: 1
c Impedance-Frequency Characteristics (Main Items)
BLM21BD Series
Frequency (MHz)
1
10
100
1000
3000
3000
600
1200
1800
2400
0
BLM21BD331SN1
BLM21BD471SN1
BLM21BD221SN1
BLM21BD152SN1
BLM21BD151SN1
BLM21BD121SN1
BLM21BD601SN1
BLM21BD222TN1
BLM21BD102SN1
BLM21BD751SN1
BLM21BD272SN1
BLM21BD222SN1
BLM21BD182SN1
BLM21BD421SN1
c Impedance-Frequency Characteristics (Main Items)
BLM21BB Series
Frequency (MHz)
1
10
100
1000
3000
2000
1200
1600
800
400
0
BLM21BB201SN1
BLM21BB750SN1
BLM21BB151SN1
BLM21BB121SN1
BLM21BB471SN1
BLM21BB600SN1
BLM21BB331SN1
BLM21BB221SN1
BLM21BB050SN1
c Impedance-Frequency Characteristics
BLM21BD121SN1
1
10
100
1000
3000
Frequency (MHz)
300
180
60
240
120
0
R
X
Z
c Impedance-Frequency Characteristics
BLM21BD151SN1
1
10
100
1000
3000
Frequency (MHz)
360
60
120
180
240
300
0
R
X
Z
Continued on the following page.


Similar Part No. - BLM21BD331SN1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD331SN1 MURATA-BLM21BD331SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM21BD331SN1 MURATA-BLM21BD331SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM21BD331SN1 MURATA-BLM21BD331SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21BD331SN1 MURATA1-BLM21BD331SN1 Datasheet
120Kb / 8P
   BLM21 Series (2012 Size)
BLM21BD331SN1 MURATA1-BLM21BD331SN1 Datasheet
324Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
More results

Similar Description - BLM21BD331SN1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG121SN1D MURATA-BLM21AG121SN1D Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com