Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-12TB5BT Datasheet(PDF) 5 Page - First Components International

Part # LM2575-12TB5BT
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-12TB5BT Datasheet(HTML) 5 Page - First Components International

  LM2575-12TB5BT Datasheet HTML 1Page - First Components International LM2575-12TB5BT Datasheet HTML 2Page - First Components International LM2575-12TB5BT Datasheet HTML 3Page - First Components International LM2575-12TB5BT Datasheet HTML 4Page - First Components International LM2575-12TB5BT Datasheet HTML 5Page - First Components International LM2575-12TB5BT Datasheet HTML 6Page - First Components International LM2575-12TB5BT Datasheet HTML 7Page - First Components International LM2575-12TB5BT Datasheet HTML 8Page - First Components International LM2575-12TB5BT Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ELECTRICAL CHARACTERISTICS: All Output Voltage Versions
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise
J
specified, V = 12V for the 3.3V, 5.0V and ADJ version, V = 25V for 12V version. and V = 30V for 15V version. I
= 500 mA)
IN
IN
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Oscillator Frequency
Saturation Voltage
Max Duty Cycle (ON)
Output Leakage Current
Quiescent Current
Standby Quiescent Current
Thermal Resistance
Feedback Bias Current
Current Limit
Logic Input Level
ON/OFF Pin
ON/OFF Pin Input Current
V
= 5V (Adjustable Version Only)
OUT
(Note 11)
I
= 1A (Notes 4)
OUT
(Note 5)
(Note 4, 11)
(Notes 6, 7)
Output = 0 V
Output = -1V
(Note 6)
ON/OFF Pin = 5V (OFF)
TO-220 Package, Junction to Ambient (Note 8)
TO-220 Package, Junction to Ambient (Note 8)
TO-220,TO-263, Package, Junction to Case
TO-252 Package, Junction to Case
TO-263 Package, Junction to Ambient (Note 10)
V
=0V
OUT
V
= Nominal Output Voltage
OUT
I
FB
F
O
V
SAT
TDC
I
OL
I
Q
I
STBY
V
IH
V
IL
V
IH
I
IL
-
47 / 42
-
-
-
-
-
-
-
-
-
-
-
-
50
52
0.9
98
2.2
-
7.5
5
50
1.4
1.2
12
0
65
45
2
6
37
-
-
-
-
100 / 500
58 / 63
1.2 / 1.4
-
2
30
10
200
30
10
kHz
V
%
A
mA
mA
mA
°C/W
V
V
mA
mA
nA
93
I
CL
1.7 / 1.3
3.0 / 3.2
ON/OFF Pin = 5V (OFF)
ON/OFF Pin = 0V (ON)
2.2 / 2.4
-
-
1.0 / 0.8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indic
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
Guaranteed specifications and Test conditions are shown in Electrical Characteristics.
Note 2: All limits guaranteed at 25°C (standard type face) and over full operating temperature range (bold type face).
All 25°C limits are 100% production tested. All limits over full operating temperature range are guaranteed via
correlation using standard Statistics Quality Control methods.
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator
system performance. When the
as shown in system parameters section of Electrical Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for
the 12V and 15V versions, to force the output transistor OFF.
Note 7: V
= 40V
IN
Note 8: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically,
with ½ inch leads in a socket, or on a PC board with minimum copper area.
Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically,
with ¼ inch leads soldered to a PC board containing approximately 4 square inches of copper area surrounding
the leads.
Note 10: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board Copper area
thermally connected to the package. Using 0.5 square inches of copper area, q
is 50°C//W, with 1 square inch
JA
of copper area, q
is 37°C/W, and with 1.6 or more square inches of copper area, q is 32°C/W.
JA
JA
Note 11: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an Overload which
causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self-
protection feature lowers the Average power dissipation of
5% down to approximately 2%.
qJA
qJA
qJC
qJC
qJA
LM2575 By lowering the minimum duty cycle from
LM2575 is used as show in the Figure 2 test circuit, system performance will be
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-12TB5BT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-12 MOTOROLA-LM2575-12 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Micrel Semiconductor
LM2575-12BN MICREL-LM2575-12BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-12BT MICREL-LM2575-12BT Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-12TB5BT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com