Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-ATA5R Datasheet(PDF) 9 Page - First Components International

Part # LM2575-ATA5R
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-ATA5R Datasheet(HTML) 9 Page - First Components International

Back Button LM2575-ATA5R Datasheet HTML 2Page - First Components International LM2575-ATA5R Datasheet HTML 3Page - First Components International LM2575-ATA5R Datasheet HTML 4Page - First Components International LM2575-ATA5R Datasheet HTML 5Page - First Components International LM2575-ATA5R Datasheet HTML 6Page - First Components International LM2575-ATA5R Datasheet HTML 7Page - First Components International LM2575-ATA5R Datasheet HTML 8Page - First Components International LM2575-ATA5R Datasheet HTML 9Page - First Components International LM2575-ATA5R Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
TO-220-5 PACKAGE OUTLINE DIMENSIONS
TO-263-5 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9
3.8
1.07
Units: mm
17.5
1.7
9.90
15°
0.40
1.50 DP0.20
9.20
4.90
15.3
0.80
1.70 TYP
(1.70 ± 0.20)
4.50
1.30
0.10
2.40
2.00
R0.30
R0.30
2.54
0.50
4.40
7.0
10.0
0.40
R 0.45
7.2
9.20
4.90
Unit: mm
10.00
4.60
1.20
0.75
8.0
1.75
15.30
R 0.3
1.20
0.90
9.90 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
+0.1
-0.05
+0.1
-0.05
8.0 ± 0.20
7.0
7.0 ± 0.20
3-R0.2
10.00 ± 0.20
8.40
2 - R 0.3
3.60 ± 0.20
1.2
1.7(TYP)
5-0.8 ± 0.10
9.97 ± 0.20
9.20 ± 0.20
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-ATA5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-ADJ MOTOROLA-LM2575-ADJ Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - LM2575-ATA5R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com