Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBFR5020JN Datasheet(PDF) 2 Page - First Components International

Part # PBFR5020JN
Description  50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS High surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR5020JN Datasheet(HTML) 2 Page - First Components International

  PBFR5020JN Datasheet HTML 1Page - First Components International PBFR5020JN Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES PBFR5018JP/N THRU PBFR5030JP/N
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=175
oC
TJ=25
oC
0
100
200
300
400
500
600
1
10
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
50
30
20
10
40
0
0
50
75
125 150
25
100
225
175
60 Hz Resistive or
Inductive load
2 / 2
Data Sheet
50 Amp Press Fit Avalanche
AUTOMOTIVERECTIFIERS


Similar Part No. - PBFR5020JN

ManufacturerPart #DatasheetDescription
logo
FCI connector
PBFR5023-43 FCI-CONNECTOR-PBFR5023-43 Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
logo
First Components Intern...
PBFR5023N FCI-PBFR5023N Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR5023P FCI-PBFR5023P Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
More results

Similar Description - PBFR5020JN

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR8018JP FCI-PBFR8018JP Datasheet
325Kb / 2P
   80 Amp Press Fit Avalanche AUTOMOTIVE RECTIFERS High surge current capability
PFR5023 FCI-PFR5023 Datasheet
99Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR5028 FCI-PFR5028 Datasheet
70Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
FCI connector
PBFR5018-30JP FCI-CONNECTOR-PBFR5018-30JP Datasheet
448Kb / 2P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
PFR3523 FCI-PFR3523 Datasheet
99Kb / 1P
   FASTORB - 35 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR2523 FCI-PFR2523 Datasheet
99Kb / 1P
   FASTORB - 25 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
SR220 FCI-SR220_1 Datasheet
456Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS High surge current capability
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
logo
First Components Intern...
SCFR5018 FCI-SCFR5018 Datasheet
549Kb / 2P
   50 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
PFR3501 FCI-PFR3501 Datasheet
158Kb / 2P
   35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com