Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBFR8030JN Datasheet(PDF) 1 Page - First Components International

Part # PBFR8030JN
Description  80 Amp Press Fit Avalanche AUTOMOTIVE RECTIFERS High surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR8030JN Datasheet(HTML) 1 Page - First Components International

  PBFR8030JN Datasheet HTML 1Page - First Components International PBFR8030JN Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
- 40 to + 225
PBFR8018JP/N
PBFR8020JP/N
PBFR8030JP/N
34-40
24-28
28
20
28
20
80
0.2
800
300
Units
V
V
V
V
A
A
uA
uA
oC
19-25
16
16
0.96
Type Number
Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
VB
Average Forward Current Io@Tc=175
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
@TJ=25
oC
Operating Junction and Storage Temperature
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100 Amp
At Rated DC Blocking Voltage
@TJ=175
oC
Range TJ, TSTG
¬
P type Plastic Ring --Red color
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encapsulation: Epoxy Sealed Rated UL94V-0
Mechanical Data
¬
High reliability
Ring colcr
80A(P)
Green
Red
80A(N)
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
1 / 2
0.061( 1.55)
O
0.057( 1.45)
O
.502( 12.75)
O
.460( 11.7)
O
.468( 11.9)
O
.506( 12.85)
O
.425( 10.8)
O
.417( 10.6)
O
0.004(1.0)
0.98
¬
Polyimide Passivated Auto Rectifier
¬
N type Plastic Ring --Green color
¬
Weight: 6.90 gram


Similar Part No. - PBFR8030JN

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR8002JP FCI-PBFR8002JP Datasheet
1Mb / 2P
   Low forward voltage drop
PBFR8002JPN FCI-PBFR8002JPN Datasheet
1Mb / 2P
   Low forward voltage drop
PBFR8004JPN FCI-PBFR8004JPN Datasheet
1Mb / 2P
   Low forward voltage drop
PBFR8006JP FCI-PBFR8006JP Datasheet
1Mb / 2P
   Low forward voltage drop
PBFR8006JPN FCI-PBFR8006JPN Datasheet
1Mb / 2P
   Low forward voltage drop
More results

Similar Description - PBFR8030JN

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR5018JP FCI-PBFR5018JP Datasheet
448Kb / 2P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS High surge current capability
PFR5023 FCI-PFR5023 Datasheet
99Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
FCI connector
PBFR5018-30JP FCI-CONNECTOR-PBFR5018-30JP Datasheet
448Kb / 2P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
PFR5028 FCI-PFR5028 Datasheet
70Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR3523 FCI-PFR3523 Datasheet
99Kb / 1P
   FASTORB - 35 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR2523 FCI-PFR2523 Datasheet
99Kb / 1P
   FASTORB - 25 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
MIC GROUP RECTIFIERS
LPBA30L MIC-LPBA30L Datasheet
40Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRBA40L PFS-PRBA40L Datasheet
97Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPRA40L PFS-LPRA40L Datasheet
95Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
LPBA50M MIC-LPBA50M Datasheet
40Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com