Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650001RTET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001RTET
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001RTET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS650001RTET Datasheet HTML 2Page - Texas Instruments TPS650001RTET Datasheet HTML 3Page - Texas Instruments TPS650001RTET Datasheet HTML 4Page - Texas Instruments TPS650001RTET Datasheet HTML 5Page - Texas Instruments TPS650001RTET Datasheet HTML 6Page - Texas Instruments TPS650001RTET Datasheet HTML 7Page - Texas Instruments TPS650001RTET Datasheet HTML 8Page - Texas Instruments TPS650001RTET Datasheet HTML 9Page - Texas Instruments TPS650001RTET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS65001
RUKPACKAGE
(TOP VIEW)
Exposed ThermalPad
16
15
14
13
12
11
10
9
5
6
7
8
1
2
3
4
Exposed ThermalPad
1
2
3
4
5
15
14
13
12
11
16
17
18
19
20
10
9
8
7
6
TPS65000
RTEPACKAGE
(TOP VIEW)
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
PIN ASSIGNMENTS
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
TPS65000
TPS65001
VINDCDC
6
8
I
Input voltage to DCDC converter and all other control blocks.
EN_DCDC
8
10
I
Enable DCDC converter
MODE
7
9
I
Selects force PWM or PWM/PFM automatic transition mode
VINLDO1
13
15
I
Input voltage to LDO1
EN_LDO1
1
3
I
Enable LDO1
VINLDO2
16
18
I
Input voltage to LDO2
EN_LDO2
2
4
I
Enable LDO2
PGND
4
6
Power ground – Connected to the PowerPAD™
AGND
10
12
Analog ground - Star back to PGND as close to the IC as possible.
PG
3
5
O
Open drain active low power good output.
SW
5
7
O
Switch pin – connect inductor here
FB_DCDC
9
11
I
Voltage to DCDC error amplifier
VLDO1
12
14
O
LDO1 output voltage
VLDO2
15
17
O
LDO2 output voltage
FB_LDO1
11
13
I
Voltage to LDO1 error amplifier
FB_LDO2
14
16
I
Voltage to LDO2 error amplifier
RSTSNS
19
I
Voltage for RST generation
RST
20
O
Open drain active low reset output.
MR
1
I
Active low input to force a reset. (1)
TRST
2
I/O
Capacitor connection for setting reset time.
(1)
External pull up on MR is required.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650001RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650001RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com