Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65130RGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65130RGER
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65130RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65130RGER Datasheet HTML 3Page - Texas Instruments TPS65130RGER Datasheet HTML 4Page - Texas Instruments TPS65130RGER Datasheet HTML 5Page - Texas Instruments TPS65130RGER Datasheet HTML 6Page - Texas Instruments TPS65130RGER Datasheet HTML 7Page - Texas Instruments TPS65130RGER Datasheet HTML 8Page - Texas Instruments TPS65130RGER Datasheet HTML 9Page - Texas Instruments TPS65130RGER Datasheet HTML 10Page - Texas Instruments TPS65130RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
Table of Graphs (continued)
GRAPH
DESCRIPTION
Figure 16
TPS65131 efficiency versus output current, VNEG= –15 V, (VIN = 5 V, 3 V)
Figure 17
TPS65130 efficiency versus input voltage, VPOS= 5 V in power-save mode
Figure 18
TPS65130 efficiency versus input voltage, VPOS= 8 V in power-save mode
Figure 19
TPS65130 efficiency versus input voltage, VPOS= 12 V in power-save mode
Figure 20
TPS65130 efficiency versus input voltage, VNEG= –4 V in power-save mode
Figure 21
TPS65130 efficiency versus input voltage, VNEG= –8 V in power-save mode
Figure 22
TPS65130 efficiency versus input voltage, VNEG= –10 V in power-save mode
Figure 23
TPS65130 efficiency versus output current, VO= 13.5 V (+9 V, –4.5 V), (VIN = 4.2 V, 3 V)
Figure 24
TPS65131 efficiency versus output current, VO= 30 V (±15 V, (VIN 5 V, 3 V)
Figure 25
TPS65130 efficiency versus input voltage, VO= 13.5 V (9 V, –4.5 V) in power save mode
Figure 26
TPS65130 output voltage versus output current, VPOS= 5 V, VIN = 3 V
Figure 27
TPS65131 output voltage versus output current, VPOS= 5 V, VIN = 4.2 V
Figure 28
TPS65130 output voltage versus output current, VPOS= 8 V, VIN = 3 V
Figure 29
TPS65131 output voltage versus output current, VPOS= 10 V, VIN = 5 V
Figure 30
TPS65130 output voltage versus output current, VPOS= 12 V (VIN = 3 V)
Figure 31
TPS65131 output voltage versus output current, VPOS= 15 V (VIN = 5 V)
Figure 32
TPS65130 output voltage versus output current, VNEG= –4 V, VIN = 3 V
Figure 33
TPS65131 output voltage versus output current, VNEG= –4 V, VIN = 5 V
Figure 34
TPS65130 output voltage versus output current, VNEG= –8 V, VIN = 3 V
Figure 35
TPS65131 output voltage versus output current, VNEG= –10 V, VIN = 5 V
Figure 36
TPS65130 output voltage versus output current, VNEG= –10 V, VIN = 3 V
Figure 37
TPS65131 output voltage versus output current, VNEG= –15 V, VIN = 5 V
Figure 38
No load supply current into VIN versus input voltage
Figure 39
No load supply current into VPOS versus input voltage
Figure 40
No load supply current into VNEG versus input voltage
Figure 41
Positive output voltage in continuous current mode
Figure 42
Negative output voltage in continuous current mode
Figure 43
Positive output voltage at power-save mode disabled
Figure 44
Negative output voltage at power-save mode disabled
Figure 45
Positive output voltage in power-save mode, VI = 3.6 V, VPOS = 5.5 V
Figure 46
Negative output voltage in power-save mode, VI = 3.6 V, VNEG = –8 V
Figure 47
Load transient response, VI = 3.6 V, VPOS = 8 V
Figure 48
Load transient response, VI = 3.6 V, VNEG = –8 V
Figure 49
Line transient response, VI = 3.6 V to 4.2 V, VPOS = 8 V
Figure 50
Line transient response, VI = 3.6 V to 4.2 V, VNEG = –8 V
Figure 51
Start-up after enable, VPOS = 8 V, VI = 3.6 V
Figure 52
Start-up after enable, VNEG = –8 V, VI = 3.6 V
7


Similar Part No. - TPS65130RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
More results

Similar Description - TPS65130RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
   Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com