Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60501DGSG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS60501DGSG4
Description  HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60501DGSG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60501DGSG4 Datasheet HTML 2Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 3Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 4Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 5Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 6Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 7Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 8Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 9Page - Texas Instruments TPS60501DGSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS60500, TPS60501
TPS60502, TPS60503
SLVS391B − OCTOBER 2001 − REVISED FEBRUARY 2002
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
1.60
1.80
2
2.20
2.40
2.60
2.80
3
3.20
3.40
0
50
100
150
200
250
TA = 85°C
TA = 25°C
TA = −40°C
IO − Output Current − mA
TPS60503
MINIMUM INPUT VOLTAGE
vs
OUTPUT CURRENT
VO Threshold:
VO nom −3% = 1.455 V
Figure 2
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
0
50
100
150
200
250
−40
°C
IO − Output Current − mA
TPS60502
MINIMUM INPUT VOLTAGE
vs
OUTPUT CURRENT
25
°C
85
°C
VO Threshold:
VO nom −3% = 1.746 V
Figure 3
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
0
50
100
150
200
250
25
°C
IO − Output Current − mA
TPS60501
MINIMUM INPUT VOLTAGE
vs
OUTPUT CURRENT
VO Threshold:
VO nom −3% = 3.201 V
−40
°C
85
°C
Figure 4
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
0
50
100
150
200
250
85
°C
25
°C
−40
°C
IO − Output Current − mA
TPS60500
MINIMUM INPUT VOLTAGE
vs
OUTPUT CURRENT
VO Threshold:
VO nom −3% = 0.776 V
Figure 5
0
10
20
30
40
50
60
70
80
90
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
100
VI − Input Voltage − V
TPS60503
EFFICIENCY
vs
INPUT VOLTAGE
10 mA
250 mA
100 mA
150 mA
200 mA
Figure 6
0
10
20
30
40
50
60
70
80
90
100
2
2.5
3
3.5
4
4.5
5
5.5
6
VI − Input Voltage − V
TPS60502
EFFICIENCY
vs
INPUT VOLTAGE
6.5
100 mA
150 mA
250 mA
200 mA
10 mA
Figure 7
0
10
20
30
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
VI − Input Voltage − V
TPS60501
EFFICIENCY
vs
INPUT VOLTAGE
250 mA
100 mA
200 mA
150 mA
10 mA
6.5
Figure 8
0
10
20
30
40
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
4.5
5
5.5 6
VI − Input Voltage − V
TPS60500
EFFICIENCY
vs
INPUT VOLTAGE
250 mA
50 mA
100 mA
200 mA
150 mA
10 mA
VO Adjusted to 0.8 V,
Co = 47 µF,
6.5
Figure 9
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
0.1
1
10
100
1000
IO − Output Current − mA
TPS60503
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.6 V
VI = 5 V
VI = 3.3 V
Co = 10 µF,


Similar Part No. - TPS60501DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60501DGS TI-TPS60501DGS Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Similar Description - TPS60501DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60500 TI-TPS60500 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500 TI-TPS60500_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com