Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65131RGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65131RGET
Description  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65131RGET Datasheet(HTML) 4 Page - Texas Instruments

  TPS65131RGET Datasheet HTML 1Page - Texas Instruments TPS65131RGET Datasheet HTML 2Page - Texas Instruments TPS65131RGET Datasheet HTML 3Page - Texas Instruments TPS65131RGET Datasheet HTML 4Page - Texas Instruments TPS65131RGET Datasheet HTML 5Page - Texas Instruments TPS65131RGET Datasheet HTML 6Page - Texas Instruments TPS65131RGET Datasheet HTML 7Page - Texas Instruments TPS65131RGET Datasheet HTML 8Page - Texas Instruments TPS65131RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
PIN ASSIGNMENTS
PGND
PGND
INN
VIN
OUTN
FBN
VNEG
INP
VREF
CN
OUTN
INN
NC − No internal connection
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
Over recommended free-air temperature range and over recommended input voltage range, typical at an ambient
temperature of 25
°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
VIN = 3.6 V, IOUTP = IOUTN = 0,
300
500
µA
Quiescent cur-
ENP = ENN = PSP = PSN =
VPOS
100
120
µA
I(Q)
rent
VIN,
VNEG
100
120
µA
VPOS = 8 V, VNEG = -5 V
ISD
Shutdown supply current
ENN = ENP = GND
0.2
1.5
µA
Undervoltage lockout
VUVLO
2.1
2.35
2.7
V
threshold
Thermal shutdown
150
°C
Thermal shutdown hyster-
Junction temperature de-
5
°C
esis
creasing
HTTSOP PowerPAD™
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
INP
1, 24
I
Boost converter switch input.
INN
5, 6
I
Inverting converter switch input
PGND
2, 3
Power ground pin
AGND
19
Analog ground pin
ENN
10
I
Enable pin for the negative output voltage (0 V: disabled, VIN: enabled)
ENP
8
I
Enable pin for the positive output voltage (0 V: disabled, VIN: enabled)
FBN
16
I
Feedback pin for the negative output voltage divider
FBP
22
I
Feedback pin for the positive output voltage divider
OUTN
13, 14
O
Inverting converter switch output.
VREF
17
O
Reference output voltage. Bypass this pin with a 220-nF capacitor to ground. Connect the lower resistor of the
negative output voltage divider to this pin
CP
21
Compensation pin for boost converter control
CN
18
Compensation pin for inverting converter control
VIN
4
I
Control supply input
VPOS
23
I
Positive output voltage sense input
VNEG
15
I
Negative output voltage sense input
4


Similar Part No. - TPS65131RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65131RGET TI1-TPS65131RGET Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - TPS65131RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
   Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com