Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947DAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAPRG4
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5947DAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5947DAPRG4 Datasheet HTML 1Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 2Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 3Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 4Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 5Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 6Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 7Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 8Page - Texas Instruments TLC5947DAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
¼
SIN
SCLK
XLAT
BLANK
SOUT
VCC
GND
TLC5947
IC1
OUT0
OUT23
¼
¼
DATA
SCLK
XLAT
BLANK
¼
R
IREF
IREF
Controller
3
V
CC
¼
¼
V
LED
V
LED
¼
V
LED
V
LED
¼
¼
¼
¼
SIN
SCLK
XLAT
BLANK
SOUT
VCC
GND
TLC5947
ICn
OUT0
OUT23
R
IREF
IREF
V
CC
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
24-Channel, 12-Bit PWM LED Driver with
Internal Oscillator
• Noise Reduction:
23
• 24 Channels, Constant Current Sink Output
4-channel grouped delay to prevent inrush
current
• 30-mA Capability (Constant Current Sink)
• Operating Temperature: –40°C to +85°C
• 12-Bit (4096 Steps) PWM Grayscale Control
• LED Power-Supply Voltage up to 30 V
• V
CC = 3.0 V to 5.5 V
• Static LED Displays
• Constant Current Accuracy:
• Message Boards
Channel-to-Channel = ±2% (typ)
• Amusement Illumination
Device-to-Device = ±2% (typ)
• TV Backlighting
• CMOS Logic Level I/O
• 30-MHz Data Transfer Rate (Standalone)
• 15-MHz Data Transfer Rate (Cascaded Devices,
The TLC5947 is a 24-channel, constant current sink
SCLK Duty = 50%)
LED driver. Each channel is individually adjustable
with 4096 pulse-width modulated (PWM) steps. PWM
• Shift Out Data Changes With Falling Edge to
control
is
repeated
automatically
with
the
Avoid Data Shift Errors
programmed grayscale (GS) data. GS data are
• Auto Display Repeat
written via a serial interface port. The current value of
all 24 channels is set by a single external resistor.
• 4-MHz Internal Oscillator
• Thermal Shutdown (TSD):
The TLC5947 has a thermal shutdown (TSD) function
that
turns
off
all
output
drivers
during
an
Automatic shutdown at over temperature
over-temperature condition. All of the output drivers
conditions
automatically restart when the temperature returns to
Restart under normal temperature
normal conditions.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5947DAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPRG4 TI1-TLC5947DAPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPRG4 TI1-TLC5947DAPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - TLC5947DAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com