Electronic Components Datasheet Search |
|
TPS60501DGSR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS60501DGSR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 24 page TPS60500, TPS60501 TPS60502, TPS60503 SLVS391B − OCTOBER 2001 − REVISED FEBRUARY 2002 3 www.ti.com absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Voltage range at VIN, EN, PG to GND (see Note 1) −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range at OUT, FB to GND −0.3 V to 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range at C1F+, C1F−, C2F+, C2F− to GND −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current at OUT 300 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The voltage at EN, and PG can exceed VIN up to the maximum rated voltage without increasing the leakage current drawn by these mode select inputs. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 85°C POWER RATING DGS 555 mW 5.56 mW/ °C 305 mW 221 mW NOTE: The thermal resistance junction to ambient of the DGS package when soldered on a PCB is RθJA ≈ 180°C/W. recommended operating conditions MIN NOM MAX UNIT Input voltage range at VIN, VI 1.8 6.5 V Output current range at OUT, IO 250 mA Input capacitor, Ci 2.2 µF Flying capacitors, C1F, C2F 1 µF Output capacitor, Co for IO ≤ 150 mA 4.7 µF Output capacitor, Co for 150 mA < IO < 250 mA 22 µF Operating junction temperature, TJ −40 125 °C RECOMMENDED CAPACITOR VALUES IO, max [mA] Ci [ µF] C(xF) [ µF] Co [ µF] 50 2.2 0.22 4.7 150 4.7 1 10 250 4.7 1 22 |
Similar Part No. - TPS60501DGSR |
|
Similar Description - TPS60501DGSR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |