Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5602IDBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5602IDBT
Description  DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5602IDBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS5602IDBT Datasheet HTML 1Page - Texas Instruments TPS5602IDBT Datasheet HTML 2Page - Texas Instruments TPS5602IDBT Datasheet HTML 3Page - Texas Instruments TPS5602IDBT Datasheet HTML 4Page - Texas Instruments TPS5602IDBT Datasheet HTML 5Page - Texas Instruments TPS5602IDBT Datasheet HTML 6Page - Texas Instruments TPS5602IDBT Datasheet HTML 7Page - Texas Instruments TPS5602IDBT Datasheet HTML 8Page - Texas Instruments TPS5602IDBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS5602
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
SLVS217 – JUNE 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
12
I/O
Voltage monitor comparator input
CT
5
I/O
The oscillator frequency external capacitor connection
GND
7
Control GND
INV1
1
I
CH1 hysteretic comparator inverting input
INV2
15
I
CH2 hysteretic comparator inverting input
LH1
30
I/O
CH2 high-side gate drive boost capacitor input
LH2
16
I/O
CH1 high-side gate drive boost capacitor input
LL1
28
I/O
CH1 high-side drive and current protection
LL2
18
I/O
CH2 high-side drive and current protection
NC
2, 4, 6, 14
OUT1_d
27
I/O
CH1 low-side gate drive output
OUT2_d
19
O
CH2 low-side gate drive output
OUT1_u
29
O
CH1 high-side switch output
OUT2_u
17
O
CH2 high-side switch output
OUTGND1
26
Output GND 1
OUTGND2
20
Output GND 2
REF
8
O
1.185-V reference voltage output
REG5V_IN
21
I
External 5-V input
SOFTSTART1
3
I/O
CH1 soft start control external capacitor connection
SOFTSTART2
13
I/O
CH2 soft start control external capacitor connection
STBY1
9
I
CH1 standby control
STBY2
10
I
CH2 standby control
TRIP1
25
I
CH1 output current control input
TRIP2
23
I
CH2 output current control input
VCC
11
I
Supply voltage input
Vref5
22
O
5-V internal regulator output
VCCSENSE
24
I
Supply voltage sense input
detailed description
vref (1.185 V)
The reference voltage is used for the output voltage setting and the voltage protection (COMP).
vref (5 V)
An internal linear voltage regulator offers a fixed 5-V voltage as the bootstrap voltage so that the design for the
bootstrap is much easier. The tolerance is 6%. The extra current capability can also be used to power external
circuitry.
5-V switch
If the internal 5-V switch senses a 5-V input from REG5V pin, the internal 5-V linear regulator will be
disconnected from the MOSFET drivers. The external 5-V will be used for the low-side driver and the high-side
bootstrap, thus increasing the efficiency.


Similar Part No. - TPS5602IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
More results

Similar Description - TPS5602IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
Fairchild Semiconductor
FAN5038 FAIRCHILD-FAN5038 Datasheet
84Kb / 15P
   Dual Voltage Controller for DSP Power
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
logo
Maxim Integrated Produc...
MAX1761 MAXIM-MAX1761 Datasheet
473Kb / 23P
   Small, Dual, High-Efficiency Buck Controller for Notebooks
19-1835; Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com