Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60502DGSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60502DGSR
Description  HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60502DGSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60502DGSR Datasheet HTML 4Page - Texas Instruments TPS60502DGSR Datasheet HTML 5Page - Texas Instruments TPS60502DGSR Datasheet HTML 6Page - Texas Instruments TPS60502DGSR Datasheet HTML 7Page - Texas Instruments TPS60502DGSR Datasheet HTML 8Page - Texas Instruments TPS60502DGSR Datasheet HTML 9Page - Texas Instruments TPS60502DGSR Datasheet HTML 10Page - Texas Instruments TPS60502DGSR Datasheet HTML 11Page - Texas Instruments TPS60502DGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS60500, TPS60501
TPS60502, TPS60503
SLVS391B − OCTOBER 2001 − REVISED FEBRUARY 2002
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 18
1
µs / division
OUTPUT VOLTAGE (RIPPLE)
vs
TIME
VI = 3.3 V
VO = 1.5 V
IO = 100 mA
TA = 25°C
Co = 10 µF,
10 mV/division
Figure 19
VI = 2.5 V to 3.5 V to 2.5 V
VO
IO = 50 mA
VO = 1.5 V
TA = 25°C
LINE TRANSIENT RESPONSE
10
µs / division
Co = 10 µF,
50 mV/division
1 V/division
Figure 20
IO = 15 mA to 135 mA to 15 mA
VO
VI = 3.3 V
VO = 1.5 V
TA = 25°C
LOAD TRANSIENT RESPONSE
10
µs / division
Co = 10 µF,
100 mA/division
50 mV/division


Similar Part No. - TPS60502DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60502DGS TI-TPS60502DGS Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Similar Description - TPS60502DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60500 TI-TPS60500 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500 TI-TPS60500_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com