Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2021D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2021D
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2021D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2021D Datasheet HTML 5Page - Texas Instruments TPS2021D Datasheet HTML 6Page - Texas Instruments TPS2021D Datasheet HTML 7Page - Texas Instruments TPS2021D Datasheet HTML 8Page - Texas Instruments TPS2021D Datasheet HTML 9Page - Texas Instruments TPS2021D Datasheet HTML 10Page - Texas Instruments TPS2021D Datasheet HTML 11Page - Texas Instruments TPS2021D Datasheet HTML 12Page - Texas Instruments TPS2021D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
Figure 8. TPS2021, Ramped Load on Enabled Device
Figure 9. TPS2022, Ramped Load on Enabled Device
Figure 10. TPS2023, Ramped Load on Enabled Device
Figure 11. TPS2024, Ramped Load on Enabled Device
Copyright © 1998–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2020 TPS2021 TPS2022 TPS2023 TPS2024


Similar Part No. - TPS2021D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2021D TI-TPS2021D Datasheet
377Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
ATMEL Corporation
TPS2021D ATMEL-TPS2021D Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
More results

Similar Description - TPS2021D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com