Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1606EG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1606EG4
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606EG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1606EG4 Datasheet HTML 2Page - Texas Instruments PCM1606EG4 Datasheet HTML 3Page - Texas Instruments PCM1606EG4 Datasheet HTML 4Page - Texas Instruments PCM1606EG4 Datasheet HTML 5Page - Texas Instruments PCM1606EG4 Datasheet HTML 6Page - Texas Instruments PCM1606EG4 Datasheet HTML 7Page - Texas Instruments PCM1606EG4 Datasheet HTML 8Page - Texas Instruments PCM1606EG4 Datasheet HTML 9Page - Texas Instruments PCM1606EG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
6
www.ti.com
timing requirements (continued)
power-on reset functions
The PCM1606 includes a power-on reset function. Figure 2 shows the operation of this function. With the
system clock active and VCC > 3 V typical (2.2 V to 3.7 V), the power-on reset function is enabled. The
initialization sequence requires 1024 system clocks from the time VCC > 3 V. After the initialization period, the
PCM1606 is set to its reset default state.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
8 kHz
2.048
3.072
4.096
6.144
16 kHz
4.096
6.144
8.192
12.288
32 kHz
8.192
12.288
16.384
24.576
44.1 kHz
11.2896
16.9344
22.5792
33.8688
48 kHz
12.288
18.432
24.576
36.864
96 kHz
24.576
36.864
49.152
See Note 5
192 kHz
24.576
36.864
See Note 6
See Note 6
See Note 6
See Note 6
NOTES:
5. The 768-fS system clock rate is not supported for fS > 64 kHz.
6. This system clock is not supported for the given sampling frequency.
t(SCKH)
System Clock
Pulse Cycle Time†
System Clock
t(SCKL)
2.0 V
0.8 V
† 1/128 fS, 1/256 fS, 1/384 fS, 1/512 fS and 1/768 fS.
PARAMETERS
MIN
MAX
UNIT
t(SCKH)
System clock pulse duration HIGH
10
ns
t(SCKL)
System clock pulse duration LOW
10
ns
Figure 1. System Clock Timing
1024 System Clocks
System Clock
Internal Reset
3.7 V
3.0 V
2.2 V
VDD
0 V
Don’t Care
Reset
Reset Removal
Figure 2. Power-On Reset Timing


Similar Part No. - PCM1606EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606E BURR-BROWN-PCM1606E Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1606E/2K BURR-BROWN-PCM1606E/2K Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1606EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com