Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2425CDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425CDR
Description  PRECISION VIRTUAL GROUND
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2425CDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2425CDR Datasheet HTML 5Page - Texas Instruments TLE2425CDR Datasheet HTML 6Page - Texas Instruments TLE2425CDR Datasheet HTML 7Page - Texas Instruments TLE2425CDR Datasheet HTML 8Page - Texas Instruments TLE2425CDR Datasheet HTML 9Page - Texas Instruments TLE2425CDR Datasheet HTML 10Page - Texas Instruments TLE2425CDR Datasheet HTML 11Page - Texas Instruments TLE2425CDR Datasheet HTML 12Page - Texas Instruments TLE2425CDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D − MARCH 1991 − REVISED APRIL 2002
9
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
56
54
52
50
48
46
44
42
40
25
50
75
100
125
0
−25
−50
−75
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IOS
Output Sink, VO = 5 V
−IOS
Output Source, VO = 0
VI = 5 V
0.1
0.01
0.001
1 k
10 k
100 k
1 M
100
100
10
10
1
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
VI = 5 V
TA = 25°C
IO = 0
IO = − 10 mA
IO = 10 mA
Figure 9
Figure 10
100 k
WIDE-BAND NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
VI = 5 V
TA = 25°C
1 Hz to Frequency Indicated
1 Pole Low Pass
2 Pole Low Pass
80
60
40
70
30
20
10
50
0
10
100
1 k
10 k
10
100
1 k
10 k
100 k
1400
SPECTRAL NOISE VOLTAGE DENSITY
vs
FREQUENCY
f − Frequency − Hz
1200
1000
800
600
400
200
0
1
VI = 5 V
TA = 25°C
Figure 11
Figure 12


Similar Part No. - TLE2425CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425CD TI-TLE2425CD Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
More results

Similar Description - TLE2425CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
[Old version datasheet]   THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Intersil Corporation
H5009-5012 INTERSIL-H5009-5012 Datasheet
26Kb / 3P
   Virtual Ground Analog Switch
May 1999
logo
Integrated Device Techn...
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
   One virtual channel
89HPES16T4 IDT-89HPES16T4 Datasheet
793Kb / 31P
   One virtual channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com